Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9983A Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza TDA9983A
Descripción Electrónicos  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983A Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA9983A Datasheet HTML 1Page - NXP Semiconductors TDA9983A Datasheet HTML 2Page - NXP Semiconductors TDA9983A Datasheet HTML 3Page - NXP Semiconductors TDA9983A Datasheet HTML 4Page - NXP Semiconductors TDA9983A Datasheet HTML 5Page - NXP Semiconductors TDA9983A Datasheet HTML 6Page - NXP Semiconductors TDA9983A Datasheet HTML 7Page - NXP Semiconductors TDA9983A Datasheet HTML 8Page - NXP Semiconductors TDA9983A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
General description
The TDA9983A is an HDMI transmitter (which also supports DVI) that enables a 3
× 8-bit
RGB or YCBCR video stream (with a pixel rate up to 150 MHz for the TDA9983AHW/15
version), up to 4 I2S-bus audio streams (with an audio sampling rate up to 192 kHz) and
the additional information required by all the HDMI 1.2a standards.
A programmable upscaling block enables a 720p/1080i output from a standard definition
input. An intrafield deinterlacer is included in the scaler.
In order to be compatible with most applications, the TDA9983A integrates a full
programmable input formatter and color space conversion block. The video input formats
accepted are YCBCR 4 : 4 : 4 (up to 3 × 8-bit), YCBCR 4:2:2 semi-planar (up to
2
× 12-bit), YC
BCR 4 : 2 : 2 compliant with ITU656 and ITU656-like (up to 1 × 12-bit).
For ITU656-like formats, double edges are supported so that data can be sampled on
rising and falling edges.
The TDA9983A also includes a HDCP 1.1 compliant cipher block. The HDCP key set is
stored internally in a One Time Programming (OTP) non-volatile memory for maximum
security.
The device can be controlled via an I2C-bus interface.
TDA9983A
HDMI transmitter up to 150 MHz pixel rate with 3
× 8-bit video
inputs and 4
× I2S-bus with S/PDIF
Rev. 01 — 13 March 2008
Product short data sheet


Número de pieza similar - TDA9983A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW NXP-TDA9983BHW Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW/15/C1 NXP-TDA9983BHW/15/C1 Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983BHW/8/C1 NXP-TDA9983BHW/8/C1 Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
More results

Descripción similar - TDA9983A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
logo
NXP Semiconductors
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com