Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA19989 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA19989
Descripción Electrónicos  150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19989 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA19989 Datasheet HTML 7Page - NXP Semiconductors TDA19989 Datasheet HTML 8Page - NXP Semiconductors TDA19989 Datasheet HTML 9Page - NXP Semiconductors TDA19989 Datasheet HTML 10Page - NXP Semiconductors TDA19989 Datasheet HTML 11Page - NXP Semiconductors TDA19989 Datasheet HTML 12Page - NXP Semiconductors TDA19989 Datasheet HTML 13Page - NXP Semiconductors TDA19989 Datasheet HTML 14Page - NXP Semiconductors TDA19989 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
TDA19989_1
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 February 2010
11 of 47
NXP Semiconductors
TDA19989
HDMI 1.3 transmitter with HDCP and CEC support
When input ports are not used, it is possible to deactivate them via the I2C-bus with the
appropriate set of registers ENA_VP_0, ENA_VP_1 and ENA_VP_2 on page 00h.
Table 5.
TDA19989 input/output capability
Bit setting
Internal port
To be mapped to
MIRR_A = 1
SWAP_A[2:0] = 1
VP[23]
VPC[0]
VP[22]
VPC[1]
VP[21]
VPC[2]
VP[20]
VPC[3]
MIRR_B = 1
SWAP_B[2:0] = 0
VP[19]
VPC[4]
VP[18]
VPC[5]
VP[17]
VPC[6]
VP[16]
VPC[7]
MIRR_C = 1
SWAP_C[2:0] = 3
VP[15]
VPB[0]
VP[14]
VPB[1]
VP[13]
VPB[2]
VP[12]
VPB[3]
MIRR_D = 1
SWAP_D[2:0] = 2
VP[11]
VPB[4]
VP[10]
VPB[5]
VP[9]
VPB[6]
VP[8]
VPB[7]
MIRR_E = 1
SWAP_E[2:0] = 5
VP[7]
VPA[4]
VP[6]
VPA[5]
VP[5]
VPA[6]
VP[4]
VPA[7]
MIRR_F = 1
SWAP_F[2:0] = 4
VP[3]
VPA[0]
VP[2]
VPA[1]
VP[1]
VPA[2]
VP[0]
VPA[3]


Número de pieza similar - TDA19989

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
More results

Descripción similar - TDA19989

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com