Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1522T Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TEA1522T
Descripción Electrónicos  SMPS ICs for low-power systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1522T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1522T Datasheet HTML 7Page - NXP Semiconductors TEA1522T Datasheet HTML 8Page - NXP Semiconductors TEA1522T Datasheet HTML 9Page - NXP Semiconductors TEA1522T Datasheet HTML 10Page - NXP Semiconductors TEA1522T Datasheet HTML 11Page - NXP Semiconductors TEA1522T Datasheet HTML 12Page - NXP Semiconductors TEA1522T Datasheet HTML 13Page - NXP Semiconductors TEA1522T Datasheet HTML 14Page - NXP Semiconductors TEA1522T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TEA152X_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2009
11 of 17
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
Valley switching
(
∆V/∆t)vrec
valley recognition voltage
change with time
−102 -
+102 V/
µs
fvalley
ringing frequency for valley
switching
N
× V
o = 100 V
200
550
800
kHz
td(vrec-swon)
valley recognition to
switch-on delay time
-
150
-
ns
Current and short-circuit winding protection
Vsource(max)
maximum source voltage
∆V/∆t = 0.1 V/µs
0.47
0.50
0.53
V
td(prop)
delay from detecting
Vsource(max) to switch-off
∆V/∆t = 0.5 V/µs
-
160
185
ns
Vswp
short circuit winding
protection voltage
∆V/∆t = 0.5 V/µs
0.7
0.75
0.8
V
tleb
leading edge blanking time
250
350
450
ns
FET output stage
IL(drain)
drain leakage current
Vdrain = 650 V
-
-
125
µA
VBR(DRAIN)
breakdown voltage on pin
DRAIN
Tj >0 °C
650
-
-
V
RDSon
drain-source on-state
resistance
TEA1520x
Isource = −0.06 A
Tj =25 °C
-
48
55.2
Tj = 100 °C
-
68
78.2
TEA1521x
Isource = −0.125 A
Tj =25 °C
-
24
27.6
Tj = 100 °C
-
34
39.1
TEA1522x
Isource = −0.25 A
Tj =25 °C
-
12
13.8
Tj = 100 °C
-
17
19.6
TEA1523P
Isource = −0.50 A
Tj =25 °C
-
6.5
7.5
Tj = 100 °C
-
9.0
10.0
tf(DRAIN)
fall time on pin DRAIN
Vi = 300 V;
no external capacitor
at drain
-75
-
ns
Temperature protection
Tprot(max)
maximum threshold
temperature
150
160
170
°C
Tprot(hys)
hysteresis of protection
temperature
-2
-
°C
Table 6.
Characteristics …continued
Tamb =25 °C; no over temperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Número de pieza similar - TEA1522T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1522T NXP-TEA1522T Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1522T PHILIPS-TEA1522T Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
TEA1522T PHILIPS-TEA1522T Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1522T/N2 NXP-TEA1522T/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Descripción similar - TEA1522T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com