Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FWS-1203.3 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

No. de Pieza. FWS-1203.3
Descripción  DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo 

FWS-1203.3 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.Power-Systems.de
Page: 1 / 5
Version: 4-Oct-02
FW Series ( 8 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-2% max
Input Voltage Range
2:1 INPUT RANGE
Temperature Coefficient
+/-0.03%/ OC
Input Filter
Pi Network
Ripple & Noise (20MHz
BW)
100mVp-p max
Line Regulation
1
+/-0.2% max
Load Regulation
2
+/-0.2% max
GENERAL SPECIFICATIONS
Short Circuit Protection
Continuous
Efficiency
70% min
Isolation Voltage
3
1000 VDC min
ENVIRONMENTAL SPECIFICATIONS
Isolation Resistance
109 ohms min
Operating Temperature
-25 OC to +71 OC
Switching Frequency
50 KHz min
Storage Temperature
-55 OC to +125 OC
MTBF
700,000 Hours
Cooling
Free-Air Convection
Weight
31.2g Typ
Case Material
Five-Side Shielded Case
Case Size
50.8mm*25.4mm*11.2mm
ALL SPECIFICATIONS TYPICAL AT NOMINAL
LINE, FULL LOAD , AND 25 OC UNLESS
OTHERWISE NOTED.
1 High Line to Low Line.
2 Load Regulation is for output load current change from 10% to 100%.
3 For 10 seconds
FEATURES
8W DIL PACKAGE
9-18V,18-36V,36-72V WIDE INPUT
RANGE
SHORT CIRCUIT PROTECTION
LOW COST
NO EXTERNAL COMPONENTS
REQUIRED
REGULATED OUTPUT
TYPICAL EFFICIENCY 80%
100% BURNED IN
INDUSTRY STANDARD PACKAGE
MTBF > 700,000 HOURS


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn