Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAWS-1215 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

No. de pieza KAWS-1215
Descripción Electrónicos  DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

KAWS-1215 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  KAWS-1215 Datasheet HTML 1Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 2Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 3Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 4Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 5Page - Power Systems GmbH+Co.KG KAWS-1215 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.Power-Systems.de
Page: 2 / 6
Version: 4-Oct-02
KAW Series ( 30 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE
2:1 30W OUTPUT
INPUT
4
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
5
ISOLATION
(VDC)
KAWS-1205
9-18
5
5000
2637
40
79
1000
KAWS-1212
9-18
12
2500
3086
40
81
1000
KAWS-1215
9-18
15
2000
3096
38
81
1000
KAWD-1205
9-18
+/-5
+/-2500
2637
40
79
1000
KAWD-1212
9-18
+/-12
+/-1250
3125
40
80
1000
KAWD-1215
9-18
+/-15
+/-1000
3125
38
80
1000
KAWS-2405
18-36
5
5000
1302
20
80
1000
KAWS-2412
18-36
12
2500
1470
18
85
1000
KAWS-2415
18-36
15
2000
1470
18
85
1000
KAWD-2405
18-36
+/-5
+/-2500
1302
20
80
1000
KAWD-2412
18-36
+/-12
+/-1250
1470
18
85
1000
KAWD-2415
18-36
+/-15
+/-1000
1470
18
85
1000
KAWS-4805
36-72
5
5000
651
10
80
1000
KAWS-4812
36-72
12
2500
762
9
82
1000
KAWS-4815
36-72
15
2000
762
9
82
1000
KAWD-4805
36-72
+/-5
+/-2500
651
10
80
1000
KAWD-4812
36-72
+/-12
+/-1250
762
9
82
1000
KAWD-4815
36-72
+/-15
+/-1000
762
9
82
1000
Note: Other input to output voltages may be available. Please contact factory.
4 NOMINAL INPUT VOLTAGE.
5 NOMINAL INPUT VOLTAGE,FULL LOAD.


Número de pieza similar - KAWS-1215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIWELL Electronics Co.,...
KAW DIWELL-KAW Datasheet
556Kb / 8P
   30W WIDE INPUT RANGE
2013/06/27
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
logo
Guangdong Kexin Industr...
KAW56 KEXIN-KAW56 Datasheet
41Kb / 1P
   Dual Surface Mount Switching Diode
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
KAW56DW KEXIN-KAW56DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results

Descripción similar - KAWS-1215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com