Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAUS-0505 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

No. de Pieza. MAUS-0505
Descripción  DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo 

MAUS-0505 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
MAU Series ( 1 W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE
1W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
MAUS-0505
5
5
200
260
26
77
1000
MAUS-0509
5
9
110
260
27
77
1000
MAUS-0512
5
12
84
253
26
79
1000
MAUS-0515
5
15
67
253
28
79
1000
MAUS-1205
12
5
200
107
11
78
1000
MAUS-1209
12
9
110
105
11
79
1000
MAUS-1212
12
12
84
102
11
82
1000
MAUS-1215
12
15
67
102
12
82
1000
MAUS-2405
24
5
200
54
8
77
1000
MAUS-2409
24
9
110
54
8
77
1000
MAUS-2412
24
12
84
54
8
77
1000
MAUS-2415
24
15
67
52
7
80
1000
MAUS-4805
48
5
200
27
4
76
1000
MAUS-4809
48
9
110
27
4
77
1000
MAUS-4812
48
12
84
27
4
77
1000
MAUS-4815
48
15
67
26
4
79
1000
Note: Other input to output voltages may be available. Please contact factory.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn