Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PUS-0505 Datasheet(PDF) 6 Page - Power Systems GmbH+Co.KG

No. de Pieza. PUS-0505
Descripción  DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo 

PUS-0505 Datasheet(HTML) 6 Page - Power Systems GmbH+Co.KG

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.Power-Systems.de
Page: 6 / 9
Version: 4-Oct-02
PU Series ( 1W UNREGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
NP
COMMON
7
+Vout
+Vout
PACKAGE ”E”
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
4
NP
-Vout
5
-Vout
COMMON
6
+Vout
+Vout


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn