Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QL4CDTE Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

No. de pieza MC908QL4CDTE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QL4CDTE Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC908QL4CDTE Datasheet HTML 45Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 226 page
background image
Functional Description
MC68HC908QL4 Data Sheet, Rev. 8
Freescale Semiconductor
49
3.3.4.4 Code Width and Quantization Error
The ADC10 quantizes the ideal straight-line transfer function into 1024 steps (in 10-bit mode). Each step
ideally has the same height (1 code) and width. The width is defined as the delta between the transition
points from one code to the next. The ideal code width for an N bit converter (in this case N can be 8 or
10), defined as 1LSB, is:
1LSB = (VREFH–VREFL) / 2
N
Because of this quantization, there is an inherent quantization error. Because the converter performs a
conversion and then rounds to 8 or 10 bits, the code will transition when the voltage is at the midpoint
between the points where the straight line transfer function is exactly represented by the actual transfer
function. Therefore, the quantization error will be ± 1/2LSB in 8- or 10-bit mode. As a consequence,
however, the code width of the first ($000) conversion is only 1/2LSB and the code width of the last ($FF
or $3FF) is 1.5LSB.
3.3.4.5 Linearity Errors
The ADC10 may also exhibit non-linearity of several forms. Every effort has been made to reduce these
errors but the user should be aware of them because they affect overall accuracy. These errors are:
Zero-Scale Error (EZS) (sometimes called offset) — This error is defined as the difference between
the actual code width of the first conversion and the ideal code width (1/2LSB). Note, if the first
conversion is $001, then the difference between the actual $001 code width and its ideal (1LSB) is
used.
Full-Scale Error (EFS) — This error is defined as the difference between the actual code width of
the last conversion and the ideal code width (1.5LSB). Note, if the last conversion is $3FE, then the
difference between the actual $3FE code width and its ideal (1LSB) is used.
Differential Non-Linearity (DNL) — This error is defined as the worst-case difference between the
actual code width and the ideal code width for all conversions.
Integral Non-Linearity (INL) — This error is defined as the highest-value the (absolute value of the)
running sum of DNL achieves. More simply, this is the worst-case difference of the actual transition
voltage to a given code and its corresponding ideal transition voltage, for all codes.
Total Unadjusted Error (TUE) — This error is defined as the difference between the actual transfer
function and the ideal straight-line transfer function, and therefore includes all forms of error.
3.3.4.6 Code Jitter, Non-Monotonicity and Missing Codes
Analog-to-digital converters are susceptible to three special forms of error. These are code jitter,
non-monotonicity, and missing codes.
Code jitter is when, at certain points, a given input voltage converts to one of two values when
sampled repeatedly. Ideally, when the input voltage is infinitesimally smaller than the transition
voltage, the converter yields the lower code (and vice-versa). However, even very small amounts
of system noise can cause the converter to be indeterminate (between two codes) for a range of
input voltages around the transition voltage. This range is normally around ±1/2 LSB but will
increase with noise.
Non-monotonicity is defined as when, except for code jitter, the converter converts to a lower code
for a higher input voltage.
Missing codes are those which are never converted for any input value. In 8-bit or 10-bit mode, the
ADC10 is guaranteed to be monotonic and to have no missing codes.


Número de pieza similar - MC908QL4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC908QL4C MOTOROLA-MC908QL4C Datasheet
2Mb / 222P
   Microcontrollers
More results

Descripción similar - MC908QL4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com