Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QL4CDTE Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

No. de pieza MC908QL4CDTE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QL4CDTE Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MC908QL4CDTE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 78Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC908QL4CDTE Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 226 page
background image
Central Processor Unit (CPU)
MC68HC908QL4 Data Sheet, Rev. 8
78
Freescale Semiconductor
CLR opr
CLRA
CLRX
CLRH
CLR opr,X
CLR ,X
CLR opr,SP
Clear
M
← $00
A
← $00
X
← $00
H
← $00
M
← $00
M
← $00
M
← $00
0––0 1–
DIR
INH
INH
INH
IX1
IX
SP1
3F
4F
5F
8C
6F
7F
9E6F
dd
ff
ff
3
1
1
1
3
2
4
CMP #opr
CMP opr
CMP opr
CMP opr,X
CMP opr,X
CMP ,X
CMP opr,SP
CMP opr,SP
Compare A with M
(A) – (M)
––
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A1
B1
C1
D1
E1
F1
9EE1
9ED1
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
COM opr
COMA
COMX
COM opr,X
COM ,X
COM opr,SP
Complement (One’s Complement)
M
← (M) = $FF – (M)
A
← (A) = $FF – (M)
X
← (X) = $FF – (M)
M
← (M) = $FF – (M)
M
← (M) = $FF – (M)
M
← (M) = $FF – (M)
0––
1
DIR
INH
INH
IX1
IX
SP1
33
43
53
63
73
9E63
dd
ff
ff
4
1
1
4
3
5
CPHX #opr
CPHX opr
Compare H:X with M
(H:X) – (M:M + 1)
––
IMM
DIR
65
75
ii ii+1
dd
3
4
CPX #opr
CPX opr
CPX opr
CPX ,X
CPX opr,X
CPX opr,X
CPX opr,SP
CPX opr,SP
Compare X with M
(X) – (M)
––
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A3
B3
C3
D3
E3
F3
9EE3
9ED3
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
DAA
Decimal Adjust A
(A)10
U– –
INH
72
2
DBNZ opr,rel
DBNZA rel
DBNZX rel
DBNZ opr,X,rel
DBNZ X,rel
DBNZ opr,SP,rel
Decrement and Branch if Not Zero
A
← (A) – 1 or M ← (M) – 1 or X ← (X) – 1
PC
← (PC) + 3 + rel ? (result) ≠ 0
PC
← (PC) + 2 + rel ? (result) ≠ 0
PC
← (PC) + 2 + rel ? (result) ≠ 0
PC
← (PC) + 3 + rel ? (result) ≠ 0
PC
← (PC) + 2 + rel ? (result) ≠ 0
PC
← (PC) + 4 + rel ? (result) ≠ 0
–––– ––
DIR
INH
INH
IX1
IX
SP1
3B
4B
5B
6B
7B
9E6B
dd rr
rr
rr
ff rr
rr
ff rr
5
3
3
5
4
6
DEC opr
DECA
DECX
DEC opr,X
DEC ,X
DEC opr,SP
Decrement
M
← (M) – 1
A
← (A) – 1
X
← (X) – 1
M
← (M) – 1
M
← (M) – 1
M
← (M) – 1
––
DIR
INH
INH
IX1
IX
SP1
3A
4A
5A
6A
7A
9E6A
dd
ff
ff
4
1
1
4
3
5
DIV
Divide
A
← (H:A)/(X)
H
← Remainder
––––
INH
52
7
EOR #opr
EOR opr
EOR opr
EOR opr,X
EOR opr,X
EOR ,X
EOR opr,SP
EOR opr,SP
Exclusive OR M with A
A
← (A
M)
0––
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
A8
B8
C8
D8
E8
F8
9EE8
9ED8
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
INC opr
INCA
INCX
INC opr,X
INC ,X
INC opr,SP
Increment
M
← (M) + 1
A
← (A) + 1
X
← (X) + 1
M
← (M) + 1
M
← (M) + 1
M
← (M) + 1
––
DIR
INH
INH
IX1
IX
SP1
3C
4C
5C
6C
7C
9E6C
dd
ff
ff
4
1
1
4
3
5
Table 7-1. Instruction Set Summary (Sheet 3 of 6)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C


Número de pieza similar - MC908QL4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC908QL4C MOTOROLA-MC908QL4C Datasheet
2Mb / 222P
   Microcontrollers
More results

Descripción similar - MC908QL4CDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com