Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY1VPE Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY1VPE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY1VPE Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MC908QY1VPE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 90Page - Freescale Semiconductor, Inc MC908QY1VPE Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
LVI Status Register
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
87
10.4 LVI Status Register
The LVI status register (LVISR) indicates if the VDD voltage was detected below the VTRIPF level while
LVI resets have been disabled.
LVIOUT — LVI Output Bit
This read-only flag becomes set when the VDD voltage falls below the VTRIPF trip voltage and is cleared
when VDD voltage rises above VTRIPR. The difference in these threshold levels results in a hysteresis
that prevents oscillation into and out of reset (see Table 10-1). Reset clears the LVIOUT bit.
10.5 LVI Interrupts
The LVI module does not generate interrupt requests.
10.6 Low-Power Modes
The STOP and WAIT instructions put the MCU in low power-consumption standby modes.
10.6.1 Wait Mode
If enabled, the LVI module remains active in wait mode. If enabled to generate resets, the LVI module can
generate a reset and bring the MCU out of wait mode.
10.6.2 Stop Mode
When the LVIPWRD bit in the configuration register is cleared and the LVISTOP bit in the configuration
register is set, the LVI module remains active in stop mode. If enabled to generate resets, the LVI module
can generate a reset and bring the MCU out of stop mode.
Address: $FE0C
Bit 7
6
543
21
Bit 0
Read:
LVIOUT
0
000
00
R
Write:
Reset:
00
000
00
0
= Unimplemented
R
= Reserved
Figure 10-2. LVI Status Register (LVISR)
Table 10-1. LVIOUT Bit Indication
VDD
LVIOUT
VDD > VTRIPR
0
VDD < VTRIPF
1
VTRIPF < VDD < VTRIPR
Previous value


Número de pieza similar - MC908QY1VPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY1VPE FREESCALE-MC908QY1VPE Datasheet
1Mb / 184P
   Microcontrollers
More results

Descripción similar - MC908QY1VPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com