Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY1ACPE Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY1ACPE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY1ACPE Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC908QY1ACPE Datasheet HTML 35Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 36Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 37Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 38Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 39Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 40Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 41Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 42Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
Functional Description
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
39
Figure 3-2. ADC10 Block Diagram
The ADC10 can perform an analog-to-digital conversion on one of the software selectable channels. The
output of the input multiplexer (ADVIN) is converted by a successive approximation algorithm into a 10-bit
digital result. When the conversion is completed, the result is placed in the data registers (ADRH and
ADRL). In 8-bit mode, the result is rounded to 8 bits and placed in ADRL. The conversion complete flag
is then set and an interrupt is generated if the interrupt has been enabled.
3.3.1 Clock Select and Divide Circuit
The clock select and divide circuit selects one of three clock sources and divides it by a configurable value
to generate the input clock to the converter (ADCK). The clock can be selected from one of the following
sources:
The asynchronous clock source (ACLK) — This clock source is generated from a dedicated clock
source which is enabled when the ADC10 is converting and the clock source is selected by setting
the ACLKEN bit. When the ADLPC bit is clear, this clock operates from 1–2 MHz; when ADLPC is
set it operates at 0.5–1 MHz. This clock is not disabled in STOP and allows conversions in stop
mode for lower noise operation.
Alternate Clock Source — This clock source is equal to the external oscillator clock or a four times
the bus clock. The alternate clock source is MCU specific, see 3.1 Introduction to determine source
and availability of this clock source option. This clock is selected when ADICLK and ACLKEN are
both low.
The bus clock — This clock source is equal to the bus frequency. This clock is selected when
ADICLK is high and ACLKEN is low.
Whichever clock is selected, its frequency must fall within the acceptable frequency range for ADCK. If
the available clocks are too slow, the ADC10 will not perform according to specifications. If the available
AD0
ADn
VREFH
VREFL
ADVIN
CONTROL SEQUENCER
ADCK
BUS CLOCK
ALTERNATE CLOCK SOURCE
ACLK
ADSCR
DATA REGISTERS ADRH:ADRL
SAR CONVERTER
INTERRUPT
AIEN
COCO
1
2
1
2
MCU STOP
ADHWT
ADCLK
ACLKEN
ASYNC
CLOCK
GENERATOR
CLOCK
DIVIDE


Número de pieza similar - MC908QY1ACPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY1A FREESCALE-MC908QY1A Datasheet
1Mb / 200P
   Microcontrollers
MC908QY1A FREESCALE-MC908QY1A Datasheet
2Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QY1ACPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com