Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY1ACPE Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY1ACPE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY1ACPE Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC908QY1ACPE Datasheet HTML 45Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QY1ACPE Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 200 page
background image
Registers
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
49
ADIV[1:0] — ADC10 Clock Divider Bits
ADIV1 and ADIV0 select the divide ratio used by the ADC10 to generate the internal clock ADCK.
Table 3-3 shows the available clock configurations.
ADICLK — Input Clock Select Bit
If ACLKEN is clear, ADICLK selects either the bus clock or an alternate clock source as the input clock
source to generate the internal clock ADCK. If the alternate clock source is less than the minimum
clock speed, use the internally-generated bus clock as the clock source. As long as the internal clock
ADCK, which is equal to the selected input clock divided by ADIV, is at a frequency (fADCK) between
the minimum and maximum clock speeds (considering ALPC), correct operation can be guaranteed.
1 = The internal bus clock is selected as the input clock source
0 = The alternate clock source IS SELECTED
MODE[1:0] — 10- or 8-Bit or Hardware Triggered Mode Selection
These bits select 10- or 8-bit operation. The successive approximation converter generates a result
that is rounded to 8- or 10-bit value based on the mode selection. This rounding process sets the
transfer function to transition at the midpoint between the ideal code voltages, causing a quantization
error of ± 1/2LSB.
Reset returns 8-bit mode.
00 = 8-bit, right-justified, ADSCR software triggered mode enabled
01 = 10-bit, right-justified, ADSCR software triggered mode enabled
10 = Reserved
11 = 10-bit, right-justified, hardware triggered mode enabled
ADLSMP — Long Sample Time Configuration
This bit configures the sample time of the ADC10 to either 3.5 or 23.5 ADCK clock cycles. This adjusts
the sample period to allow higher impedance inputs to be accurately sampled or to maximize
conversion speed for lower impedance inputs. Longer sample times can also be used to lower overall
power consumption in continuous conversion mode if high conversion rates are not required.
1 = Long sample time (23.5 cycles)
0 = Short sample time (3.5 cycles)
ACLKEN — Asynchronous Clock Source Enable
This bit enables the asynchronous clock source as the input clock to generate the internal clock ADCK,
and allows operation in stop mode. The asynchronous clock source will operate between 1 MHz and
2 MHz if ADLPC is clear, and between 0.5 MHz and 1 MHz if ADLPC is set.
1 = The asynchronous clock is selected as the input clock source (the clock generator is only
enabled during the conversion)
0 = ADICLK specifies the input clock source and conversions will not continue in stop mode
Table 3-3. ADC10 Clock Divide Ratio
ADIV1
ADIV0
Divide Ratio (ADIV)
Clock Rate
0
0
1
Input clock
÷ 1
0
1
2
Input clock
÷ 2
1
0
4
Input clock
÷ 4
1
1
8
Input clock
÷ 8


Número de pieza similar - MC908QY1ACPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY1A FREESCALE-MC908QY1A Datasheet
1Mb / 200P
   Microcontrollers
MC908QY1A FREESCALE-MC908QY1A Datasheet
2Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QY1ACPE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com