Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY2ACPE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY2ACPE Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC908QY2ACPE Datasheet HTML 19Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 22Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 23Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 25Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 26Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 200 page
background image
Direct Page Registers
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
23
Addr.
Register Name
Bit 7
6
5432
1
Bit 0
$0000
Port A Data Register
(PTA)
See page 104.
Read:
R
AWUL
PTA5
PTA4
PTA3
PTA2
PTA1
PTA0
Write:
Reset:
Unaffected by reset
$0001
Port B Data Register
(PTB)
See page 106.
Read:
PTB7
PTB6
PTB5
PTB4
PTB3
PTB2
PTB1
PTB0
Write:
Reset:
Unaffected by reset
$0002
$0003
Reserved
$0004
Data Direction Register A
(DDRA)
See page 104.
Read:
R
R
DDRA5
DDRA4
DDRA3
0
DDRA1
DDRA0
Write:
Reset:
00
0000
00
$0005
Data Direction Register B
(DDRB)
See page 107.
Read:
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
Write:
Reset:
00
0000
00
$0006
$000A
Reserved
$000B
Port A Input Pullup Enable
Register (PTAPUE)
See page 105.
Read:
OSC2EN
0
PTAPUE5 PTAPUE4 PTAPUE3 PTAPUE2 PTAPUE1 PTAPUE0
Write:
Reset:
00
0000
00
$000C
Port B Input Pullup Enable
Register (PTBPUE)
See page 108.
Read:
PTBPUE7 PTBPUE6 PTBPUE5 PTBPUE4 PTBPUE3 PTBPUE2 PTBPUE1 PTBPUE0
Write:
Reset:
00
0000
00
$000D
$0019
Reserved
$001A
Keyboard Status and
Control Register (KBSCR)
See page 87.
Read:
0
0
0
0
KEYF
0
IMASKK
MODEK
Write:
ACKK
Reset:
00
0000
00
$001B
Keyboard Interrupt
Enable Register (KBIER)
See page 88.
Read:
0
AWUIE
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
00
0000
00
$001C
Keyboard Interrupt Polarity
Register (KBIPR)
See page 88.
Read:
0
0
KBIP5
KBIP4
KBIP3
KBIP2
KBIP1
KBIP0
Write:
Reset:
00
0000
00
= Unimplemented
R
= Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 1 of 5)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn