Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2ACPE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY2ACPE Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 200 page
background image
Revision History
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History
Date
Revision
Level
Description
Page
Number(s)
December,
2005
N/A
Initial release
N/A
August,
2006
1
Added 1.7 Unused Pin Termination.
20
Figure 4-1. Auto Wakeup Interrupt Request Generation Logic — Corrected
clock source.
51
4.3 Functional Description — Clarified operation.
52
4.5.1 Wait Mode — Corrected operation details.
53
4.6.4 Configuration Register 2 — Corrected clock source.
55
4.6.5 Configuration Register 1 — Added SSREC bit description.
55
5.2 Functional Description — Corrected clock source.
58
12.1 Introduction — Replaced note.
103
13.7.2 Stop Mode — Corrected clock source.
121
16.12 Supply Current Characteristics — Updated maximum values for SIDD
at both 5 V and 3 V.
165
A.2.3 Improved Auto Wakeup Module (AWU) — Corrected clock source.
194
April,
2007
2
Chapter 3 Analog-to-Digital Converter (ADC10) Module — Renamed ADCSC
register to ADSCR to be consistent with development tools.
37
Figure 15-18. Monitor Mode Entry Timing — Changed CGMXCLK to
BUSCLKX4
154
16.12 Supply Current Characteristics — Added note 6 below table
165
Chapter 17 Ordering Information and Mechanical Specifications — Updated
chapter to include:
Table 17-1. Consumer and Industrial Device Numbering System
Table 17-2. Automotive Device Numbering System
17.3 Orderable Part Numbering System
17.3.1 Consumer and Industrial Orderable Part Numbering System
17.3.2 Automotive Orderable Part Number System
171
171
172
172
172
March,
2010
3
Clarify internal oscillator trim register information.
27, 30, 31,
34, 95, 101


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn