Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2ACPE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY2ACPE Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 55 / 200 page
background image
Registers
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
55
AWUIE — Auto Wakeup Interrupt Enable Bit
This read/write bit enables the auto wakeup interrupt input to latch interrupt requests. Reset clears
AWUIE.
1 = Auto wakeup enabled as interrupt input
0 = Auto wakeup not enabled as interrupt input
NOTE
KBIE5–KBIE0 bits are not used in conjuction with the auto wakeup feature.
To see a description of these bits, see 9.8.2 Keyboard Interrupt Enable
Register (KBIER).
4.6.4 Configuration Register 2
The configuration register 2 (CONFIG2), is used to allow the bus clock source to run in STOP. In this case,
the clock, BUSCLKX2 will be used to drive the AWU request generator.
OSCENINSTOP — Oscillator Enable in Stop Mode Bit
OSCENINSTOP, when set, will allow the bus clock source (BUSCLKX2) to generate clocks for the
AWU in stop mode. See 11.8.1 Oscillator Status and Control Register for information on enabling the
external clock sources.
1 = Oscillator enabled to operate during stop mode
0 = Oscillator disabled during stop mode
NOTE
IRQPUD, IRQEN, and RSTEN bits are not used in conjuction with the auto
wakeup feature. To see a description of these bits, see Chapter 5
Configuration Register (CONFIG).
4.6.5 Configuration Register 1
The configuration register 1 (CONFIG1), is used to select the period for the AWU. The timeout will be
based on the COPRS bit along with the clock source for the AWU.
Bit 7
6543
2
1
Bit 0
Read:
IRQPUD
IRQEN
RRR
R
OSCENINSTOP
RSTEN
Write:
Reset:
00000
0
0
0
Figure 4-5. Configuration Register 2 (CONFIG2)
Bit 7
654321
Bit 0
Read:
COPRS
LVISTOP
LVIRSTD
LVIPWRD
LVITRIP
SSREC
STOP
COPD
Write:
Reset: POR:
0
0
0
0
0
0
0
0
U
0
0
0
0
0
0
0
U = Unaffected
Figure 4-6. Configuration Register 1 (CONFIG1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn