Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2ACPE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY2ACPE Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 85 / 200 page
background image
Functional Description
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
85
Figure 9-2. Keyboard Interrupt Block Diagram
The KBI vector fetch or software clear and the return of all enabled keyboard interrupt pins to a deasserted
level may occur in any order.
Reset clears the keyboard interrupt request and the MODEK bit, clearing the interrupt request even if a
keyboard interrupt input stays asserted.
9.3.1.2 MODEK = 0
If the MODEK bit is clear, the keyboard interrupt inputs are edge sensitive. The KBIPx bit will determine
whether an edge sensitive pin detects rising or falling edges. A KBI vector fetch or software clear
immediately clears the KBI latch.
The keyboard flag bit (KEYF) in KBSCR can be read to check for pending interrupts. The KEYF bit is not
affected by IMASKK, which makes it useful in applications where polling is preferred.
NOTE
Setting a keyboard interrupt enable bit (KBIEx) forces the corresponding
keyboard interrupt pin to be an input, overriding the data direction register.
However, the data direction register bit must be a 0 for software to read the
pin.
KBI LATCH
KEYBOARD
INTERRUPT
REQUEST
ACKK
INTERNAL BUS
RESET
KBIE0
KBI0
0
1
S
KBIP0
KBIEx
KBIx
0
1
S
KBIPx
DQ
CK
CLR
VDD
MODEK
IMASKK
SYNCHRONIZER
KEYF
TO PULLUP/
TO PULLUP/
PULLDOWN ENABLE
PULLDOWN ENABLE
VECTOR FETCH
DECODER
AWUIREQ
(SEE Figure 4-1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn