Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2ACPE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY2ACPE Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 88 / 200 page
background image
Keyboard Interrupt Module (KBI)
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
88
Freescale Semiconductor
9.8.2 Keyboard Interrupt Enable Register (KBIER)
KBIER enables or disables each keyboard interrupt pin.
KBIE5–KBIE0 — Keyboard Interrupt Enable Bits
Each of these read/write bits enables the corresponding keyboard interrupt pin to latch KBI interrupt
requests.
1 = KBIx pin enabled as keyboard interrupt pin
0 = KBIx pin not enabled as keyboard interrupt pin
NOTE
AWUIE bit is not used in conjunction with the keyboard interrupt feature. To
see a description of this bit, see Chapter 4 Auto Wakeup Module (AWU).
9.8.3 Keyboard Interrupt Polarity Register (KBIPR)
KBIPR determines the polarity of the enabled keyboard interrupt pin and enables the appropriate pullup
or pulldown device.
KBIP5–KBIP0 — Keyboard Interrupt Polarity Bits
Each of these read/write bits enables the polarity of the keyboard interrupt detection.
1 = Keyboard polarity is high level and/or rising edge
0 = Keyboard polarity is low level and/or falling edge
Bit 7
654321
Bit 0
Read:
0
AWUIE
KBIE5
KBIE4
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
00000000
= Unimplemented
Figure 9-4. Keyboard Interrupt Enable Register (KBIER)
Bit 7
654321
Bit 0
Read:
0
0
KBIP5
KBIP4
KBIP3
KBIP2
KBIP1
KBIP0
Write:
Reset:
00000000
= Unimplemented
Figure 9-5. Keyboard Interrupt Polarity Register (KBIPR)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn