Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY2ACPE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY2ACPE Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MC908QY2ACPE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 89Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 90Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 91Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 92Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 93Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 94Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 200 page
background image
LVI Interrupts
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
91
10.4 LVI Interrupts
The LVI module does not generate interrupt requests.
10.5 Low-Power Modes
The STOP and WAIT instructions put the MCU in low power-consumption standby modes.
10.5.1 Wait Mode
If enabled, the LVI module remains active in wait mode. If enabled to generate resets, the LVI module can
generate a reset and bring the MCU out of wait mode.
10.5.2 Stop Mode
If the LVIPWRD bit in the configuration register is cleared and the LVISTOP bit in the configuration
register is set, the LVI module remains active. If enabled to generate resets, the LVI module can generate
a reset and bring the MCU out of stop mode.
10.6 Registers
The LVI status register (LVISR) contains a status bit that is useful when the LVI is enabled and LVI reset
is disabled.
LVIOUT — LVI Output Bit
This read-only flag becomes set when the VDD voltage falls below the VTRIPF trip voltage and is cleared
when VDD voltage rises above VTRIPR. (See Table 10-1).
Bit 76
5
4
3
2
1Bit 0
Read:
LVIOUT
0
0
000
0
R
Write:
Reset:
0
0
0
000
00
= Unimplemented
R
= Reserved
Figure 10-2. LVI Status Register (LVISR)
Table 10-1. LVIOUT Bit Indication
VDD
LVIOUT
VDD > VTRIPR
0
VDD < VTRIPF
1
VTRIPF < VDD < VTRIPR
Previous value


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn