Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2ACPE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY2ACPE Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 93 / 200 page
background image
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
93
Chapter 11
Oscillator (OSC) Module
11.1 Introduction
The oscillator (OSC) module is used to provide a stable clock source for the MCU system and bus.
The OSC shares its pins with general-purpose input/output (I/O) port pins. See Figure 11-1 for port
location of these shared pins. The OSC2EN bit is located in the port A pull enable register (PTAPUEN)
on this MCU. See Chapter 12 Input/Output Ports (PORTS) for information on PTAPUEN register.
11.2 Features
The bus clock frequency is one fourth of any of these clock source options:
1.
Internal oscillator: An internally generated, fixed frequency clock, trimmable to
± 0.4%. There are
three choices for the internal oscillator,12.8 MHz, 8 MHz, or 4 MHz. The 12.8-MHz internal
oscillator is the default option out of reset.
2.
External oscillator: An external clock that can be driven directly into OSC1.
3.
External RC: A built-in oscillator module (RC oscillator) that requires an external R connection only.
The capacitor is internal to the chip.
4.
External crystal: A built-in XTAL oscillator that requires an external crystal or ceramic-resonator.
There are three crystal frequency ranges supported, 8–32 MHz, 1–8 MHz, and 32–100 kHz.
11.3 Functional Description
The oscillator contains these major subsystems:
Internal oscillator circuit
Internal or external clock switch control
External clock circuit
External crystal circuit
External RC clock circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn