Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY2ACPE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY2ACPE Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MC908QY2ACPE Datasheet HTML 93Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 94Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 99Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 100Page - Freescale Semiconductor, Inc MC908QY2ACPE Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 200 page
background image
Functional Description
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
97
The oscillator configuration uses five components:
•Crystal, X1
Fixed capacitor, C1
Tuning capacitor, C2 (can also be a fixed capacitor)
Feedback resistor, R
B
Series resistor, R
S (optional)
NOTE
The series resistor (R
S) is included in the diagram to follow strict Pierce
oscillator guidelines and may not be required for all ranges of operation,
especially with high frequency crystals. Refer to the oscillator
characteristics table in the Electricals section for more information.
Figure 11-2. XTAL Oscillator External Connections
C1
C2
XTALCLK
RB
X1
RS
MCU
OSC2
OSC1
÷ 2
BUSCLKX2
BUSCLKX4
See the electrical section for details.
SIMOSCEN (INTERNAL SIGNAL) OR
OSCENINSTOP (BIT LOCATED IN
CONFIGURATION REGISTER)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn