Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2ACPE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY2ACPE Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 15 / 200 page
background image
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
15
Chapter 1
General Description
1.1 Introduction
The MC68HC908QY4A is a member of the low-cost, high-performance M68HC08 Family of 8-bit
microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit
(CPU08) and are available with a variety of modules, memory sizes and types, and package types.
0.4
1.2 Features
Features include:
High-performance M68HC08 CPU core
Fully upward-compatible object code with M68HC05 Family
5-V and 3-V operating voltages (VDD)
8-MHz internal bus operation at 5 V, 4-MHz at 3 V
Trimmable internal oscillator
Software selectable 1 MHz, 2 MHz, or 3.2 MHz internal bus operation
8-bit trim capability
±25% untrimmed
Trimmable to approximately 0.4%(1)
Software selectable crystal oscillator range, 32–100 kHz, 1–8 MHz and 8–32 MHz
Software configurable input clock from either internal or external source
Auto wakeup from STOP capability using dedicated internal 32-kHz RC or bus clock source
On-chip in-application programmable FLASH memory
Internal program/erase voltage generation
Monitor ROM containing user callable program/erase routines
FLASH security(2)
Table 1-1. Summary of Device Variations
Device
FLASH
Memory Size
ADC
Pin
Count
MC68HC908QT1A
1536 bytes
8 pins
MC68HC908QT2A
1536 bytes
6 channel, 10 bit
8 pins
MC68HC908QT4A
4096 bytes
6 channel, 10 bit
8 pins
MC68HC908QY1A
1536 bytes
16 pins
MC68HC908QY2A
1536 bytes
6 channel, 10 bit
16 pins
MC68HC908QY4A
4096 bytes
6 channel, 10 bit
16 pins
1. See 16.11 Oscillator Characteristics for internal oscillator specifications
2. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn