Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY2ACPE Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY2ACPE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY2ACPE Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 19 / 200 page
background image
Pin Functions
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
19
1.5 Pin Functions
Table 1-2 provides a description of the pin functions.
Table 1-2. Pin Functions
Pin
Name
Description
Input/Output
VDD
Power supply
Power
VSS
Power supply ground
Power
PTA0
PTA0 — General purpose I/O port
Input/Output
TCH0 — Timer Channel 0 I/O
Input/Output
AD0 — A/D channel 0 input
Input
KBI0 — Keyboard interrupt input 0
Input
PTA1
PTA1 — General purpose I/O port
Input/Output
TCH1 — Timer Channel 1 I/O
Input/Output
AD1 — A/D channel 1 input
Input
KBI1 — Keyboard interrupt input 1
Input
PTA2
PTA2 — General purpose input-only port
Input
IRQ — External interrupt with programmable pullup and Schmitt trigger input
Input
KBI2 — Keyboard interrupt input 2
Input
TCLK — Timer clock input
Input
PTA3
PTA3 — General purpose I/O port
Input/Output
RST — Reset input, active low with internal pullup and Schmitt trigger
Input
KBI3 — Keyboard interrupt input 3
Input
PTA4
PTA4 — General purpose I/O port
Input/Output
OSC2 —XTAL oscillator output (XTAL option only)
RC or internal oscillator output (OSC2EN = 1 in PTAPUE register)
Output
Output
AD2 — A/D channel 2 input
Input
KBI4 — Keyboard interrupt input 4
Input
PTA5
PTA5 — General purpose I/O port
Input/Output
OSC1 — XTAL, RC, or external oscillator input
Input
AD3 — A/D channel 3 input
Input
KBI5 — Keyboard interrupt input 5
Input
PTB0(1)
1. The PTB pins are not available on the 8-pin packages.
PTB0 — General-purpose I/O port
Input/Output
AD4 — A/D channel 4 input
Input
PTB1(1)
PTB1 — General-purpose I/O port
Input/Output
AD5 — A/D channel 5 input
Input
PTB2-
PTB7(1)
6 General-purpose I/O port
Input/Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn