Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QC8CDRE Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QC8CDRE
Descripción  M68HC08 Microcontrollers
Descarga  274 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QC8CDRE Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 23 / 274 page
background image
Pin Functions
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 5
Freescale Semiconductor
23
PTB2
PTB2 — General-purpose I/O port
Input/Output
MISO — SPI data received
Input/Output
T2CH0(2) — TIM2 channel 0
Input/Output
AD6 — A/D channel 6 input
Input
PTB3
PTB3 — General-purpose I/O port
Input/Output
SS — SPI slave select
Input
T2CLK — TIM2 timer clock input
Input
AD7 — A/D channel 7 input
Input
PTB4
PTB4 — General-purpose I/O port
Input/Output
RxD — ESCI receive data I/O
Input
T2CH0(2) — TIM2 channel 0
Input/Output
AD8 — A/D channel 8 input
Input
PTB5
PTB5 — General-purpose I/O port
Input/Output
TxD — ESCI transport data I/O
Output
T2CH1(2) — TIM2 channel 1
Input/Output
AD9 — A/D channel 9 input
Input
PTB6
PTB6 — General-purpose I/O port
Input/Output
T1CH2 — Timer channel 2 I/O
Input/Output
PTB7
PTB7 — General-purpose I/O port
Input/Output
T1CH3 — Timer channel 3 I/O
Input/Output
PTC0–PTC2(3) General-purpose I/O port
Input/Output
PTC3(1, 3)
General-purpose input port
Input
PTD0–PTD7(4) General-purpose I/O port
Input/Output
1. PTA2 and PTC3 pins have high voltage detectors to enter special modes.
2. T2CH0 and T2CH1 can be repositioned using TIM2POS in CONFIG2.
3. Pins not available on 16-pin devices (see note in 11.1 Introduction).
4. Pins not available on 16-pin or 20-pin devices (see note in 11.1 Introduction).
Table 1-2. Pin Functions (Continued)
Pin Name
Description
Input/Outpu
t


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn