Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QC8CDRE Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QC8CDRE
Descripción  M68HC08 Microcontrollers
Descarga  274 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QC8CDRE Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 24 / 274 page
background image
General Description
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 5
24
Freescale Semiconductor
1.6 Pin Function Priority
Table 1-3 is meant to resolve the priority if multiple functions are enabled on a single pin.
NOTE
Upon reset all pins come up as input ports regardless of the priority table.
1.7 Unused Pin Termination
Input pins and I/O port pins that are not used in the application must be terminated. This prevents excess
current caused by floating inputs, and enhances immunity during noise or transient events. Termination
methods include:
1.
Configuring unused pins as outputs and driving high or low;
2.
Configuring unused pins as inputs and enabling internal pull-ups;
3.
Configuring unused pins as inputs and using external pull-up or pull-down resistors.
Never connect unused pins directly to VDD or VSS.
Since some general-purpose I/O pins are not available on all packages, these pins must be terminated
as well. Either method 1 or 2 above are appropriate.
Table 1-3. Function Priority in Shared Pins
Pin Name
Highest-to-Lowest Priority Sequence
PTA0(1)
1. When a pin is to be used as an ADC pin, the I/O port function should be left as
an input and all other shared modules should be disabled. The ADC does not
override additional modules using the pin.
AD0
→ T1CH0 → KBI0 → PTA0
PTA1(1)
AD1
→ T1CH1 → KBI1 → PTA1
PTA2
IRQ
→ T1CLK → KBI2 → PTA2
PTA3
RST
→ KBI3 → PTA3
PTA4(1)
OSC2
→ AD2 → KBI4 → PTA4
PTA5(1)
OSC1
→ AD3 → KBI5 → PTA5
PTB0(1)
AD4
→ SPSCK → PTB0
PTB1(1)
AD5
→ MOSI → T2CH1(2) → PTB1
2. T2CH0 and T2CH1 can be repositioned using TIM2POS in CONFIG2
(see Figure 2-2. Control, Status, and Data Registers).
PTB2(1)
AD6
→ MISO → T2CH0(2) → PTB2
PTB3(1)
AD7
→ SS → T2CLK → PTB3
PTB4(1)
AD8
→ RxD → T2CH0(2) → PTB4
PTB5(1)
AD9
→ TxD → T2CH1(2) → PTB5
PTB6
T1CH2
→ PTB6
PTB7
T1CH3
→ PTB7
PTCx
PTCx
PTDx
PTDx


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn