Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QC8CDRE Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QC8CDRE
Descripción  M68HC08 Microcontrollers
Descarga  274 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QC8CDRE Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 38 / 274 page
background image
Memory
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 5
38
Freescale Semiconductor
2.6.3 FLASH Mass Erase Operation
Use the following procedure to erase the entire FLASH memory to read as a 1:
1.
Set both the ERASE bit and the MASS bit in the FLASH control register.
2.
Read the FLASH block protect register.
3.
Write any data to any FLASH address(1) within the FLASH memory address range.
4.
Wait for a time, tNVS.
5.
Set the HVEN bit.
6.
Wait for a time, tMErase.
7.
Clear the ERASE and MASS bits.
NOTE
Mass erase is disabled whenever any block is protected (FLBPR does not
equal $FF).
8.
Wait for a time, tNVHL.
9.
Clear the HVEN bit.
10.
After time, tRCV, the memory can be accessed in read mode again.
NOTE
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order as shown, other unrelated operations may
occur between the steps.
CAUTION
A mass erase will erase the internal oscillator trim value at $FFC0.
1. When in monitor mode, with security sequence failed (see 18.3.2 Security), write to the FLASH block protect register in-
stead of any FLASH address.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn