Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QC8CDRE Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

No. de pieza MC908QC8CDRE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QC8CDRE Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC908QC8CDRE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 87Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 88Page - Freescale Semiconductor, Inc MC908QC8CDRE Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 274 page
background image
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 5
Freescale Semiconductor
85
Chapter 8
Keyboard Interrupt Module (KBI)
8.1 Introduction
The keyboard interrupt module (KBI) provides independently maskable external interrupts. The KBI
shares its pins with general-purpose input/output (I/O) port pins. See Figure 8-2 for port location of these
shared pins.
8.2 Features
Features of the keyboard interrupt module include:
Keyboard interrupt pins with separate keyboard interrupt enable bits and one keyboard interrupt
mask
Programmable edge-only or edge and level interrupt sensitivity
Edge sensitivity programmable for rising or falling edge
Level sensitivity programmable for high or low level
Pullup or pulldown device automatically enabled based on the polarity of edge or level detect
Exit from low-power modes
8.3 Functional Description
The keyboard interrupt module controls the enabling/disabling of interrupt functions on the KBI pins.
These pins can be enabled/disabled independently of each other.
Figure 8-1. Keyboard Interrupt Block Diagram
KBI LATCH
KEYBOARD
INTERRUPT
REQUEST
ACKK
INTERNAL BUS
RESET
KBIE0
KBI0
0
1
S
KBIP0
KBIEx
KBIx
0
1
S
KBIPx
DQ
CK
CLR
VDD
MODEK
IMASKK
SYNCHRONIZER
KEYF
TO PULLUP/
TO PULLUP/
PULLDOWN ENABLE
PULLDOWN ENABLE
VECTOR FETCH
DECODER


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn