Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QC8CDRE Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QC8CDRE
Descripción  M68HC08 Microcontrollers
Descarga  274 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QC8CDRE Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 18 / 274 page
background image
General Description
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 5
18
Freescale Semiconductor
Enhanced serial communications interface (ESCI) module
Serial peripheral interface (SPI) module
4-channel, 16-bit timer interface (TIM1) module
2-channel, 16-bit timer interface (TIM2) module
10-channel, 10-bit analog-to-digital converter (ADC) with internal bandgap reference channel
(ADC10)
Up to 24 bidirectional input/output (I/O) lines and two input only:
Six shared with keyboard interrupt function
Ten shared with ADC
Four shared with TIM1
Two shared with TIM2
Two shared with ESCI
Four shared with SPI
One input only shared with external interrupt (IRQ)
High current sink/source capability on all port pins
Selectable pullups on all ports, selectable on an individual bit basis
Three-state ability on all port pins
6-bit keyboard interrupt with wakeup feature (KBI)
Programmable for rising/falling edge or high/low level detection
Low-voltage inhibit (LVI) module features:
Software selectable trip point in CONFIG register
System protection features:
Computer operating properly (COP) watchdog
Low-voltage detection with reset
Illegal opcode detection with reset
Illegal address detection with reset
External asynchronous interrupt pin with internal pullup (IRQ) shared with general-purpose input
pin
Master asynchronous reset pin with internal pullup (RST) shared with general-purpose input/output
(I/O) pin
Memory mapped I/O registers
Power saving stop and wait modes
MC68HC908QC16, MC68HC908QC8, and MC68HC908QC4 are available in these packages:
28-pin small outline integrated circuit package (SOIC)
28-pin thin shrink small outline package (TSSOP)
20-pin SOIC
20-pin TSSOP
16-pin SOIC
16-pin TSSOP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn