Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2ACDWE Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2ACDWE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2ACDWE Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 24 / 200 page
background image
Memory
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
24
Freescale Semiconductor
$001D
IRQ Status and Control
Register (INTSCR)
See page 81.
Read:
0
0
0
0
IRQF
0
IMASK
MODE
Write:
ACK
Reset:
00
0000
00
$001E
Configuration Register 2
(CONFIG2)(1)
See page 57.
Read:
IRQPUD
IRQEN
R
R
R
R
OSCENIN-
STOP
RSTEN
Write:
Reset:
00
0000
0
0(2)
1. One-time writable register after each reset.
2. RSTEN reset to 0 by a power-on reset (POR) only.
$001F
Configuration Register 1
(CONFIG1)(1)
See page 58.
Read:
COPRS
LVISTOP
LVIRSTD
LVIPWRD
LVITRIP
SSREC
STOP
COPD
Write:
Reset:
00
00
0(2)
00
0
1. One-time writable register after each reset.
2. LVITRIP reset to 0 by a power-on reset (POR) only.
$0020
TIM Status and Control
Register (TSC)
See page 132.
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00
1000
00
$0021
TIM Counter Register High
(TCNTH)
See page 134.
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
00
0000
00
$0022
TIM Counter Register Low
(TCNTL)
See page 134.
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
00
0000
00
$0023
TIM Counter Modulo
Register High (TMODH)
See page 134.
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
11
1111
11
$0024
TIM Counter Modulo
Register Low (TMODL)
See page 134.
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
11
1111
11
$0025
TIM Channel 0 Status and
Control Register (TSC0)
See page 135.
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00
0000
00
$0026
TIM Channel 0
Register High (TCH0H)
See page 137.
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
Indeterminate after reset
$0027
TIM Channel 0
Register Low (TCH0L)
See page 137.
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
Indeterminate after reset
Addr.
Register Name
Bit 7
6
5432
1
Bit 0
= Unimplemented
R
= Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 2 of 5)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn