Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2ACDWE Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2ACDWE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2ACDWE Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 77 / 200 page
background image
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
77
Chapter 8
External Interrupt (IRQ)
8.1 Introduction
The IRQ (external interrupt) module provides a maskable interrupt input.
IRQ functionality is enabled by setting configuration register 2 (CONFIG2) IRQEN bit accordingly. A zero
disables the IRQ function and IRQ will assume the other shared functionalities. A one enables the IRQ
function. See Chapter 5 Configuration Register (CONFIG) for more information on enabling the IRQ pin.
The IRQ pin shares its pin with general-purpose input/output (I/O) port pins. See Figure 8-1 for port
location of this shared pin.
8.2 Features
Features of the IRQ module include:
A dedicated external interrupt pin IRQ
IRQ interrupt control bits
Programmable edge-only or edge and level interrupt sensitivity
Automatic interrupt acknowledge
Internal pullup device
8.3 Functional Description
A low level applied to the external interrupt request (IRQ) pin can latch a CPU interrupt request. Figure 8-2
shows the structure of the IRQ module.
Interrupt signals on the IRQ pin are latched into the IRQ latch. The IRQ latch remains set until one of the
following actions occurs:
IRQ vector fetch. An IRQ vector fetch automatically generates an interrupt acknowledge signal that
clears the latch that caused the vector fetch.
Software clear. Software can clear the IRQ latch by writing a 1 to the ACK bit in the interrupt status
and control register (INTSCR).
Reset. A reset automatically clears the IRQ latch.
The external IRQ pin is falling edge sensitive out of reset and is software-configurable to be either falling
edge or falling edge and low level sensitive. The MODE bit in INTSCR controls the triggering sensitivity
of the IRQ pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn