Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2ACDWE Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2ACDWE
Descripción  M68HC08 Microcontrollers
Descarga  200 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2ACDWE Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 98 / 200 page
background image
Oscillator (OSC) Module
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
98
Freescale Semiconductor
11.3.5 RC Oscillator
The RC oscillator circuit is designed for use with an external resistor (REXT) to provide a clock source with
a tolerance within 25% of the expected frequency. See Figure 11-3.
The capacitor (C) for the RC oscillator is internal to the MCU. The REXT value must have a tolerance of
1% or less to minimize its effect on the frequency.
In this configuration, the OSC2 pin can be used as general-purpose input/output (I/O) port pins or other
alternative pin function. The OSC2EN bit can be set to enable the OSC2 output function on the pin.
Enabling the OSC2 output can affect the external RC oscillator frequency, fRCCLK.
Figure 11-3. RC Oscillator External Connections
11.4 Interrupts
There are no interrupts associated with the OSC module.
11.5 Low-Power Modes
The WAIT and STOP instructions put the MCU in low power-consumption standby modes.
11.5.1 Wait Mode
The OSC module remains active in wait mode.
11.5.2 Stop Mode
The OSC module can be configured to remain active in stop mode by setting OSCENINSTOP located in
a configuration register.
MCU
REXT
OSC1
EXTERNAL RC
OSCILLATOR
EN
RCCLK
÷ 2
BUSCLKX2
BUSCLKX4
VDD
1
0
OSC2EN
OSC2 — AVAILABLE FOR ALTERNATIVE PIN FUNCTION
See the electricals section for component value.
0
1
INTCLK
OSCOPT = EXTERNAL RC SELECTED
SIMOSCEN (INTERNAL SIGNAL) OR
OSCENINSTOP (BIT LOCATED IN
CONFIGURATION REGISTER)
ALTERNATIVE
PIN FUNTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn