Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY1PE Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY1PE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY1PE Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC908QY1PE Datasheet HTML 29Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 30Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 31Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 32Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 33Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 34Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 35Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 36Page - Freescale Semiconductor, Inc MC908QY1PE Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 168 page
background image
FLASH Memory (FLASH)
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
33
2.6 FLASH Memory (FLASH)
This subsection describes the operation of the embedded FLASH memory. The FLASH memory can be
read, programmed, and erased from a single external supply. The program and erase operations are
enabled through the use of an internal charge pump.
The FLASH memory consists of an array of 4096 or 1536 bytes with an additional 48 bytes for user
vectors. The minimum size of FLASH memory that can be erased is 64 bytes; and the maximum size of
FLASH memory that can be programmed in a program cycle is 32 bytes (a row). Program and erase
operations are facilitated through control bits in the FLASH control register (FLCR). Details for these
operations appear later in this section. The address ranges for the user memory and vectors are:
$EE00 – $FDFF; user memory, 4096 bytes: MC68HC908QY4 and MC68HC908QT4
$F800 – $FDFF; user memory, 1536 bytes: MC68HC908QY2, MC68HC908QT2,
MC68HC908QY1 and MC68HC908QT1
$FFD0 – $FFFF; user interrupt vectors, 48 bytes.
NOTE
An erased bit reads as a 1 and a programmed bit reads as a 0.
A security feature prevents viewing of the FLASH contents.(1)
2.6.1 FLASH Control Register
The FLASH control register (FLCR) controls FLASH program and erase operations.
HVEN — High Voltage Enable Bit
This read/write bit enables high voltage from the charge pump to the memory for either program or
erase operation. It can only be set if either PGM =1 or ERASE =1 and the proper sequence for
program or erase is followed.
1 = High voltage enabled to array and charge pump on
0 = High voltage disabled to array and charge pump off
MASS — Mass Erase Control Bit
This read/write bit configures the memory for mass erase operation.
1 = Mass erase operation selected
0 = Mass erase operation unselected
1. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult
for unauthorized users.
Address:
$FE08
Bit 7
654321
Bit 0
Read:
0000
HVEN
MASS
ERASE
PGM
Write:
Reset:
00000000
= Unimplemented
Figure 2-3. FLASH Control Register (FLCR)


Número de pieza similar - MC908QY1PE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY1 FREESCALE-MC908QY1 Datasheet
1Mb / 184P
   Microcontrollers
MC908QY1 FREESCALE-MC908QY1 Datasheet
1Mb / 184P
   Microcontrollers
MC908QY1 FREESCALE-MC908QY1 Datasheet
1Mb / 184P
   M68HC08 Microcontrollers
MC908QY1 FREESCALE-MC908QY1 Datasheet
1Mb / 184P
   M68HC08 Microcontrollers
MC908QY1A FREESCALE-MC908QY1A Datasheet
1Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QY1PE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com