Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY2AMDWE Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY2AMDWE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY2AMDWE Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC908QY2AMDWE Datasheet HTML 41Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 42Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 43Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 44Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 45Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 46Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 47Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 48Page - Freescale Semiconductor, Inc MC908QY2AMDWE Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 200 page
background image
I/O Signals
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
45
break, the bit cannot change during the break state as long as BCFE is cleared. After the break, doing the
second step clears the status bit.
3.7 I/O Signals
The ADC10 module shares its pins with general-purpose input/output (I/O) port pins. See Figure 3-1 for
port location of these shared pins. The ADC10 on this MCU uses VDD and VSS as its supply and reference
pins. This MCU does not have an external trigger source.
3.7.1 ADC10 Analog Power Pin (VDDA)
The ADC10 analog portion uses VDDA as its power pin. In some packages, VDDA is connected internally
to VDD. If externally available, connect the VDDA pin to the same voltage potential as VDD. External filtering
may be necessary to ensure clean VDDA for good results.
NOTE
If externally available, route VDDA carefully for maximum noise immunity
and place bypass capacitors as near as possible to the package.
3.7.2 ADC10 Analog Ground Pin (VSSA)
The ADC10 analog portion uses VSSA as its ground pin. In some packages, VSSA is connected internally
to VSS. If externally available, connect the VSSA pin to the same voltage potential as VSS.
In cases where separate power supplies are used for analog and digital power, the ground connection
between these supplies should be at the VSSA pin. This should be the only ground connection between
these supplies if possible. The VSSA pin makes a good single point ground location.
3.7.3 ADC10 Voltage Reference High Pin (VREFH)
VREFH is the power supply for setting the high-reference voltage for the converter. In some packages,
VREFH is connected internally to VDDA. If externally available, VREFH may be connected to the same
potential as VDDA, or may be driven by an external source that is between the minimum VDDA spec and
the VDDA potential (VREFH must never exceed VDDA).
NOTE
Route VREFH carefully for maximum noise immunity and place bypass
capacitors as near as possible to the package.
AC current in the form of current spikes required to supply charge to the capacitor array at each
successive approximation step is drawn through the VREFH and VREFL loop. The best external component
to meet this current demand is a 0.1
μF capacitor with good high frequency characteristics. This capacitor
is connected between VREFH and VREFL and must be placed as close as possible to the package pins.
Resistance in the path is not recommended because the current will cause a voltage drop which could
result in conversion errors. Inductance in this path must be minimum (parasitic only).
3.7.4 ADC10 Voltage Reference Low Pin (VREFL)
VREFL is the power supply for setting the low-reference voltage for the converter. In some packages,
VREFL is connected internally to VSSA. If externally available, connect the VREFL pin to the same voltage
potential as VSSA. There will be a brief current associated with VREFL when the sampling capacitor is


Número de pieza similar - MC908QY2AMDWE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY2AMDWE FREESCALE-MC908QY2AMDWE Datasheet
2Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QY2AMDWE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com