Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY1VDWE Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY1VDWE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QY1VDWE Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 31 / 168 page
background image
Input/Output (I/O) Section
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
31
$FE08
FLASH Control Register
(FLCR)
See page 34.
Read:
0
0
0
0
HVEN
MASS
ERASE
PGM
Write:
Reset:
00
0000
00
$FE09
Break Address High
Register (BRKH)
See page 136.
Read:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Write:
Reset:
00
0000
00
$FE0A
Break Address low
Register (BRKL)
See page 136.
Read:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Write:
Reset:
00
0000
00
$FE0B
Break Status and Control
Register (BRKSCR)
See page 136.
Read:
BRKE
BRKA
0000
00
Write:
Reset:
00
0000
00
$FE0C
LVI Status Register
(LVISR)
See page 87.
Read: LVIOUT
0
0000
0
R
Write:
Reset:
00
0000
00
$FE0D
$FE0F
Reserved for FLASH Test
RR
RRR
RRR
$FFBE
FLASH Block Protect
Register (FLBPR)
See page 39.
Read:
BPR7
BPR6
BPR5
BPR4
BPR3
BPR2
BPR1
BPR0
Write:
Reset:
Unaffected by reset
$FFBF
Reserved
R
R
RRR
RRR
$FFC0
Internal Oscillator Trim
(Factory Programmed,
VDD = 5.0 V)
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
Unaffected by reset
$FFC1
Internal Oscillator Trim
(Factory Programmed,
VDD = 3.0 V)
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
Unaffected by reset
$FFFF
COP Control Register
(COPCTL)
See page 59.
Read:
LOW BYTE OF RESET VECTOR
Write:
WRITING CLEARS COP COUNTER (ANY VALUE)
Reset:
Unaffected by reset
Addr.
Register Name
Bit 7
6
5432
1
Bit 0
= Unimplemented
R
= Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 5 of 5)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn