Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QY1VDWE Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QY1VDWE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY1VDWE Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MC908QY1VDWE Hoja de datos HTML 93Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 94Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 95Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 96Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 97Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 98Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 99Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 100Page - Freescale Semiconductor, Inc MC908QY1VDWE Hoja de datos HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
97
Chapter 12
Input/Output Ports (PORTS)
12.1 Introduction
The MC68HC908QT1, MC68HC908QT2, and MC68HC908QT4 have five bidirectional input-output (I/O)
pins and one input only pin. The MC68HC908QY1, MC68HC908QY2, and MC68HC908QY4 have
thirteen bidirectional pins and one input only pin. All I/O pins are programmable as inputs or outputs.
NOTE
Connect any unused I/O pins to an appropriate logic level, either V
DD or VSS.
Although the I/O ports do not require termination for proper operation,
termination reduces excess current consumption and the possibility of
electrostatic damage.
8-pin devices have non-bonded pins. These pins should be configured
either as outputs driving low or high, or as inputs with internal pullups
enabled. Configuring these non-bonded pins in this manner will prevent any
excess current consumption caused by floating inputs.
12.2 Port A
Port A is a 6-bit special function port that shares all six of its pins with the keyboard interrupt (KBI) module
(see Chapter 9 Keyboard Interrupt Module (KBI)). Each port A pin also has a software configurable pullup
device if the corresponding port pin is configured as an input port.
NOTE
PTA2 is input only.
When the IRQ function is enabled in the configuration register 2
(CONFIG2), bit 2 of the port A data register (PTA) will always read a 0. In
this case, the BIH and BIL instructions can be used to read the logic level
on the PTA2 pin. When the IRQ function is disabled, these instructions will
behave as if the PTA2 pin is a logic 1. However, reading bit 2 of PTA will
read the actual logic level on the pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contctenos   |   Poltica de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn