Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QT4AMDTE Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

No. de pieza MC908QT4AMDTE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4AMDTE Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MC908QT4AMDTE Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 56Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 57Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 58Page - Freescale Semiconductor, Inc MC908QT4AMDTE Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 200 page
background image
Registers
MC68HC908QYA/QTA Family Data Sheet, Rev. 3
Freescale Semiconductor
55
AWUIE — Auto Wakeup Interrupt Enable Bit
This read/write bit enables the auto wakeup interrupt input to latch interrupt requests. Reset clears
AWUIE.
1 = Auto wakeup enabled as interrupt input
0 = Auto wakeup not enabled as interrupt input
NOTE
KBIE5–KBIE0 bits are not used in conjuction with the auto wakeup feature.
To see a description of these bits, see 9.8.2 Keyboard Interrupt Enable
Register (KBIER).
4.6.4 Configuration Register 2
The configuration register 2 (CONFIG2), is used to allow the bus clock source to run in STOP. In this case,
the clock, BUSCLKX2 will be used to drive the AWU request generator.
OSCENINSTOP — Oscillator Enable in Stop Mode Bit
OSCENINSTOP, when set, will allow the bus clock source (BUSCLKX2) to generate clocks for the
AWU in stop mode. See 11.8.1 Oscillator Status and Control Register for information on enabling the
external clock sources.
1 = Oscillator enabled to operate during stop mode
0 = Oscillator disabled during stop mode
NOTE
IRQPUD, IRQEN, and RSTEN bits are not used in conjuction with the auto
wakeup feature. To see a description of these bits, see Chapter 5
Configuration Register (CONFIG).
4.6.5 Configuration Register 1
The configuration register 1 (CONFIG1), is used to select the period for the AWU. The timeout will be
based on the COPRS bit along with the clock source for the AWU.
Bit 7
6543
2
1
Bit 0
Read:
IRQPUD
IRQEN
RRR
R
OSCENINSTOP
RSTEN
Write:
Reset:
00000
0
0
0
Figure 4-5. Configuration Register 2 (CONFIG2)
Bit 7
654321
Bit 0
Read:
COPRS
LVISTOP
LVIRSTD
LVIPWRD
LVITRIP
SSREC
STOP
COPD
Write:
Reset: POR:
0
0
0
0
0
0
0
0
U
0
0
0
0
0
0
0
U = Unaffected
Figure 4-6. Configuration Register 1 (CONFIG1)


Número de pieza similar - MC908QT4AMDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QT4A FREESCALE-MC908QT4A Datasheet
1Mb / 200P
   Microcontrollers
MC908QT4A FREESCALE-MC908QT4A Datasheet
2Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QT4AMDTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com