Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC908QT1DWE Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc |
|
MC908QT1DWE Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc |
32 / 168 page Memory MC68HC908QY/QT Family Data Sheet, Rev. 6 32 Freescale Semiconductor . 2.5 Random-Access Memory (RAM) Addresses $0080–$00FF are RAM locations. The location of the stack RAM is programmable. The 16-bit stack pointer allows the stack to be anywhere in the 64-Kbyte memory space. NOTE For correct operation, the stack pointer must point only to RAM locations. Before processing an interrupt, the central processor unit (CPU) uses five bytes of the stack to save the contents of the CPU registers. NOTE For M6805, M146805, and M68HC05 compatibility, the H register is not stacked. During a subroutine call, the CPU uses two bytes of the stack to store the return address. The stack pointer decrements during pushes and increments during pulls. NOTE Be careful when using nested subroutines. The CPU may overwrite data in the RAM during a subroutine or during the interrupt stacking operation. Table 2-1. Vector Addresses Vector Priority Vector Address Vector Lowest Highest IF15 $FFDE ADC conversion complete vector (high) $FFDF ADC conversion complete vector (low) IF14 $FFE0 Keyboard vector (high) $FFE1 Keyboard vector (low) IF13 ↓ IF6 — Not used IF5 $FFF2 TIM overflow vector (high) $FFF3 TIM overflow vector (low) IF4 $FFF4 TIM Channel 1 vector (high) $FFF5 TIM Channel 1 vector (low) IF3 $FFF6 TIM Channel 0 vector (high) $FFF7 TIM Channel 0 vector (low) IF2 — Not used IF1 $FFFA IRQ vector (high) $FFFB IRQ vector (low) — $FFFC SWI vector (high) $FFFD SWI vector (low) — $FFFE Reset vector (high) $FFFF Reset vector (low) |
Número de pieza similar - MC908QT1DWE |
|
Descripción similar - MC908QT1DWE |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |