Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC908QT1MDTE Datasheet(Hoja de datos) 17 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT1MDTE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

 17 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
17
Chapter 1
General Description
1.1 Introduction
The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit
microcontroller units (MCUs). The M68HC08 Family is a Complex Instruction Set Computer (CISC) with
a Von Neumann architecture. All MCUs in the family use the enhanced M68HC08 central processor unit
(CPU08) and are available with a variety of modules, memory sizes and types, and package types.
0.4
1.2 Features
Features include:
High-performance M68HC08 CPU core
Fully upward-compatible object code with M68HC05 Family
5-V and 3-V operating voltages (VDD)
8-MHz internal bus operation at 5 V, 4-MHz at 3 V
Trimmable internal oscillator
3.2 MHz internal bus operation
8-bit trim capability allows 0.4% accuracy(1)
± 25% untrimmed
Auto wakeup from STOP capability
Configuration (CONFIG) register for MCU configuration options, including:
Low-voltage inhibit (LVI) trip point
In-system FLASH programming
FLASH security(2)
Table 1-1. Summary of Device Variations
Device
FLASH
Memory Size
Analog-to-Digital
Converter
Pin
Count
MC68HC908QT1
1536 bytes
8 pins
MC68HC908QT2
1536 bytes
4 ch, 8 bit
8 pins
MC68HC908QT4
4096 bytes
4 ch, 8 bit
8 pins
MC68HC908QY1
1536 bytes
16 pins
MC68HC908QY2
1536 bytes
4 ch, 8 bit
16 pins
MC68HC908QY4
4096 bytes
4 ch, 8 bit
16 pins
1. The oscillator frequency is guaranteed to ±5% over temperature and voltage range after trimming.
2. No security feature is absolutely secure. However, Freescale’s strategy is to make reading or copying the FLASH difficult for
unauthorized users.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl