Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QT4DTE Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

No. de pieza MC908QT4DTE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4DTE Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MC908QT4DTE Datasheet HTML 94Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 99Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 100Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 101Page - Freescale Semiconductor, Inc MC908QT4DTE Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 168 page
background image
Input/Output Ports (PORTS)
MC68HC908QY/QT Family Data Sheet, Rev. 6
98
Freescale Semiconductor
12.2.1 Port A Data Register
The port A data register (PTA) contains a data latch for each of the six port A pins.
PTA[5:0] — Port A Data Bits
These read/write bits are software programmable. Data direction of each port A pin is under the control
of the corresponding bit in data direction register A. Reset has no effect on port A data.
AWUL — Auto Wakeup Latch Data Bit
This is a read-only bit which has the value of the auto wakeup interrupt request latch. The wakeup
request signal is generated internally (see Chapter 4 Auto Wakeup Module (AWU)). There is no PTA6
port nor any of the associated bits such as PTA6 data register, pullup enable or direction.
KBI[5:0] — Port A Keyboard Interrupts
The keyboard interrupt enable bits, KBIE5–KBIE0, in the keyboard interrupt control enable register
(KBIER) enable the port A pins as external interrupt pins (see Chapter 9 Keyboard Interrupt Module
(KBI)).
12.2.2 Data Direction Register A
Data direction register A (DDRA) determines whether each port A pin is an input or an output. Writing a 1
to a DDRA bit enables the output buffer for the corresponding port A pin; a 0 disables the output buffer.
DDRA[5:0] — Data Direction Register A Bits
These read/write bits control port A data direction. Reset clears DDRA[5:0], configuring all port A pins
as inputs.
1 = Corresponding port A pin configured as output
0 = Corresponding port A pin configured as input
NOTE
Avoid glitches on port A pins by writing to the port A data register before
changing data direction register A bits from 0 to 1.
Address: $0000
Bit 76
5
4
3
2
1Bit 0
Read:
R
AWUL
PTA5
PTA4
PTA3
PTA2
PTA1
PTA0
Write:
Reset:
Unaffected by reset
Additional Functions:
KBI5
KBI4
KBI3
KBI2
KBI1
KBI0
R
= Reserved
= Unimplemented
Figure 12-1. Port A Data Register (PTA)
Address: $0004
Bit 7
6
54
32
1
Bit 0
Read:
R
R
DDRA5
DDRA4
DDRA3
0
DDRA1
DDRA0
Write:
Reset:
000
00
000
R= Reserved
= Unimplemented
Figure 12-2. Data Direction Register A (DDRA)


Número de pieza similar - MC908QT4DTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QT4 FREESCALE-MC908QT4 Datasheet
1Mb / 184P
   Microcontrollers
MC908QT4 FREESCALE-MC908QT4 Datasheet
1Mb / 184P
   Microcontrollers
MC908QT4 FREESCALE-MC908QT4 Datasheet
1Mb / 184P
   M68HC08 Microcontrollers
MC908QT4 FREESCALE-MC908QT4 Datasheet
1Mb / 184P
   M68HC08 Microcontrollers
MC908QT4A FREESCALE-MC908QT4A Datasheet
1Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QT4DTE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com