Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2MFQE Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2MFQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2MFQE Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 35 / 168 page
background image
FLASH Memory (FLASH)
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
35
2.6.3 FLASH Mass Erase Operation
Use the following procedure to erase the entire FLASH memory to read as a 1:
1.
Set both the ERASE bit and the MASS bit in the FLASH control register.
2.
Read the FLASH block protect register.
3.
Write any data to any FLASH address(1) within the FLASH memory address range.
4.
Wait for a time, tNVS (minimum 10 μs).
5.
Set the HVEN bit.
6.
Wait for a time, tMErase (minimum 4 ms).
7.
Clear the ERASE and MASS bits.
NOTE
Mass erase is disabled whenever any block is protected (FLBPR does not
equal $FF).
8.
Wait for a time, tNVHL (minimum 100 μs).
9.
Clear the HVEN bit.
10.
After time, tRCV (typical 1 μs), the memory can be accessed in read mode again.
NOTE
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order as shown, but other unrelated operations
may occur between the steps.
CAUTION
A mass erase will erase the internal oscillator trim values at $FFC0 and
$FFC1.
2.6.4 FLASH Program Operation
Programming of the FLASH memory is done on a row basis. A row consists of 32 consecutive bytes
starting from addresses $XX00, $XX20, $XX40, $XX60, $XX80, $XXA0, $XXC0, or $XXE0. Use the
following step-by-step procedure to program a row of FLASH memory
Figure 2-4 shows a flowchart of the programming algorithm.
NOTE
Only bytes which are currently $FF may be programmed.
1.
Set the PGM bit. This configures the memory for program operation and enables the latching of
address and data for programming.
2.
Read the FLASH block protect register.
3.
Write any data to any FLASH location within the address range desired.
4.
Wait for a time, tNVS (minimum 10 μs).
5.
Set the HVEN bit.
6.
Wait for a time, tPGS (minimum 5 μs).
7.
Write data to the FLASH address being programmed(2).
1. When in monitor mode, with security sequence failed (see 15.3.2 Security), write to the FLASH block protect register
instead of any FLASH address.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn