Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2MFQE Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2MFQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2MFQE Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
Revision History
MC68HC908QY/QT Family Data Sheet, Rev. 6
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History (Sheet 1 of 3)
Date
Revision
Level
Description
Page
Number(s)
September,
2002
N/A
Initial release
N/A
December,
2002
0.1
1.2 Features — Added 8-pin dual flat no lead (DFN) packages to features list.
19
Figure 1-2. MCU Pin Assignments — Figure updated to include DFN packages.
21
Figure 2-1. Memory Map — Clarified illegal address and unimplemented
memory.
27
Figure 2-2. Control, Status, and Data Registers — Corrected bit definitions for
Port A Data Register (PTA) and Data Direction Register A (DDRA).
27
Table 13-3. Interrupt Sources — Corrected vector addresses for keyboard
interrupt and ADC conversion complete interrupt.
118
Chapter 13 System Integration Module (SIM) — Removed reference to break
status register as it is duplicated in break module.
113
11.3.1 Internal Oscillator and 11.3.1.1 Internal Oscillator Trimming — Clarified
oscillator trim option ordering information and what to expect with untrimmed
device.
92
Figure 11-5. Oscillator Trim Register (OSCTRIM) — Bit 1 designation corrected.
98
Figure 15-13. Monitor Mode Circuit (Internal Clock, No High Voltage) —
Diagram updated for clarity.
150
Figure 12-1. I/O Port Register Summary — Corrected bit definitions for PTA7,
DDRA7, and DDRA6.
99
Figure 12-2. Port A Data Register (PTA) — Corrected bit definition for PTA7.
100
Figure 12-3. Data Direction Register A (DDRA) — Corrected bit definitions for
DDRA7 and DDRA6.
101
Figure 12-6. Port B Data Register (PTB) — Corrected bit definition for PTB1
103
Chapter 9 Keyboard Interrupt Module (KBI) — Section reworked after deletion
of auto wakeup for clarity.
83
Chapter 4 Auto Wakeup Module (AWU) — New section added for clarity.
49
Figure 10-1. LVI Module Block Diagram — Corrected LVI stop representation.
87
Chapter 16 Electrical Specifications — Extensive changes made to electrical
specifications.
169
17.5 8-Pin Dual Flat No Lead (DFN) Package (Case #1452) — Added case
outline drawing for DFN package.
177
Chapter 17 Ordering Information and Mechanical Specifications — Added
ordering information for DFN package.
185
January,
2003
0.2
4.2 Features — Corrected third bulleted item.
49


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn