Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2MFQE Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2MFQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2MFQE Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
LVI Status Register
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
87
10.4 LVI Status Register
The LVI status register (LVISR) indicates if the VDD voltage was detected below the VTRIPF level while
LVI resets have been disabled.
LVIOUT — LVI Output Bit
This read-only flag becomes set when the VDD voltage falls below the VTRIPF trip voltage and is cleared
when VDD voltage rises above VTRIPR. The difference in these threshold levels results in a hysteresis
that prevents oscillation into and out of reset (see Table 10-1). Reset clears the LVIOUT bit.
10.5 LVI Interrupts
The LVI module does not generate interrupt requests.
10.6 Low-Power Modes
The STOP and WAIT instructions put the MCU in low power-consumption standby modes.
10.6.1 Wait Mode
If enabled, the LVI module remains active in wait mode. If enabled to generate resets, the LVI module can
generate a reset and bring the MCU out of wait mode.
10.6.2 Stop Mode
When the LVIPWRD bit in the configuration register is cleared and the LVISTOP bit in the configuration
register is set, the LVI module remains active in stop mode. If enabled to generate resets, the LVI module
can generate a reset and bring the MCU out of stop mode.
Address: $FE0C
Bit 7
6
543
21
Bit 0
Read:
LVIOUT
0
000
00
R
Write:
Reset:
00
000
00
0
= Unimplemented
R
= Reserved
Figure 10-2. LVI Status Register (LVISR)
Table 10-1. LVIOUT Bit Indication
VDD
LVIOUT
VDD > VTRIPR
0
VDD < VTRIPF
1
VTRIPF < VDD < VTRIPR
Previous value


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn