Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2MFQE Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2MFQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2MFQE Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
Input/Output Ports (PORTS)
MC68HC908QY/QT Family Data Sheet, Rev. 6
100
Freescale Semiconductor
PTAPUE[5:0] — Port A Input Pullup Enable Bits
These read/write bits are software programmable to enable pullup devices on port A pins.
1 = Corresponding port A pin configured to have internal pull if its DDRA bit is set to 0
0 = Pullup device is disconnected on the corresponding port A pin regardless of the state of its
DDRA bit
Table 12-1 summarizes the operation of the port A pins.
12.3 Port B
Port B is an 8-bit general purpose I/O port. Port B is only available on the MC68HC908QY1,
MC68HC908QY2, and MC68HC908QY4.
12.3.1 Port B Data Register
The port B data register (PTB) contains a data latch for each of the eight port B pins.
PTB[7:0] — Port B Data Bits
These read/write bits are software programmable. Data direction of each port B pin is under the control
of the corresponding bit in data direction register B. Reset has no effect on port B data.
Table 12-1. Port A Pin Functions
PTAPUE
Bit
DDRA
Bit
PTA
Bit
I/O Pin
Mode
Accesses to DDRA
Accesses to PTA
Read/Write
Read
Write
10
X(1)
1. X = don’t care
Input, VDD
(2)
2. I/O pin pulled to VDD by internal pullup.
DDRA5–DDRA0
Pin
PTA5–PTA0(3)
3. Writing affects data register, but does not affect input.
00
X
Input, Hi-Z(4)
4. Hi-Z = high impedance
DDRA5–DDRA0
Pin
PTA5–PTA0(3)
X
1
X
Output
DDRA5–DDRA0
PTA5–PTA0
PTA5–PTA0(5)
5. Output does not apply to PTA2
Address: $0001
Bit 7
6
543
21
Bit 0
Read:
PTB7
PTB6
PTB5
PTB4
PTB3
PTB2
PTB1
PTB0
Write:
Reset:
Unaffected by reset
Figure 12-5. Port B Data Register (PTB)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn