Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QT4MFQE Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

No. de pieza MC908QT4MFQE
Descripción Electrónicos  M68HC08 Microcontrollers
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MFQE Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MFQE Datasheet HTML 49Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 50Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 56Page - Freescale Semiconductor, Inc MC908QT4MFQE Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 168 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
53
Chapter 5
Configuration Register (CONFIG)
5.1 Introduction
This section describes the configuration registers (CONFIG1 and CONFIG2). The configuration registers
enable or disable the following options:
Stop mode recovery time (32
× BUSCLKX4 cycles or
4096
× BUSCLKX4 cycles)
•STOP instruction
Computer operating properly module (COP)
COP reset period (COPRS): 8176
× BUSCLKX4 or 262,128 × BUSCLKX4
Low-voltage inhibit (LVI) enable and trip voltage selection
OSC option selection
•IRQ pin
•RST pin
Auto wakeup timeout period
5.2 Functional Description
The configuration registers are used in the initialization of various options. The configuration registers can
be written once after each reset. Most of the configuration register bits are cleared during reset. Since the
various options affect the operation of the microcontroller unit (MCU) it is recommended that this register
be written immediately after reset. The configuration registers are located at $001E and $001F, and may
be read at anytime.
NOTE
The CONFIG registers are one-time writable by the user after each reset.
Upon a reset, the CONFIG registers default to predetermined settings as
shown in Figure 5-1 and Figure 5-2.
Address: $001E
Bit 7
6
54
32
1
Bit 0
Read:
IRQPUD
IRQEN
R
OSCOPT1
OSCOPT0
R
R
RSTEN
Write:
Reset:
000
0
0
00
U
POR:
000
0
0
000
R
= Reserved
U = Unaffected
Figure 5-1. Configuration Register 2 (CONFIG2)


Número de pieza similar - MC908QT4MFQE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QT4MFQE FREESCALE-MC908QT4MFQE Datasheet
1Mb / 184P
   Microcontrollers
More results

Descripción similar - MC908QT4MFQE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com