Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2FQE Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2FQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT2FQE Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC908QT2FQE Hoja de datos HTML 23Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 24Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 25Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 26Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 27Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 28Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 29Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 30Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 168 page
background image
Input/Output (I/O) Section
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
27
2.4 Input/Output (I/O) Section
Addresses $0000–$003F, shown in Figure 2-2, contain most of the control, status, and data registers.
Additional I/O registers have these addresses:
$FE00 — Break status register, BSR
$FE01 — Reset status register, SRSR
$FE02 — Break auxiliary register, BRKAR
$FE03 — Break flag control register, BFCR
$FE04 — Interrupt status register 1, INT1
$FE05 — Interrupt status register 2, INT2
$FE06 — Interrupt status register 3, INT3
•$FE07 — Reserved
$FE08 — FLASH control register, FLCR
$FE09 — Break address register high, BRKH
$FE0A — Break address register low, BRKL
$FE0B — Break status and control register, BRKSCR
$FE0C — LVI status register, LVISR
•$FE0D — Reserved
$FFBE — FLASH block protect register, FLBPR
$FFC0 — Internal OSC trim value (factory programmed, VDD = 5.0 V)
$FFC1 — Internal OSC trim value (factory programmed, VDD = 3.0 V)
$FFFF — COP control register, COPCTL
Addr.
Register Name
Bit 7
6
5432
1
Bit 0
$0000
Port A Data Register
(PTA)
See page 98.
Read:
R
AWUL
PTA5
PTA4
PTA3
PTA2
PTA1
PTA0
Write:
Reset:
Unaffected by reset
$0001
Port B Data Register
(PTB)
See page 100.
Read:
PTB7
PTB6
PTB5
PTB4
PTB3
PTB2
PTB1
PTB0
Write:
Reset:
Unaffected by reset
$0002
Unimplemented
$0003
Unimplemented
$0004
Data Direction Register A
(DDRA)
See page 98.
Read:
R
R
DDRA5
DDRA4
DDRA3
0
DDRA1
DDRA0
Write:
Reset:
00
0000
00
$0005
Data Direction Register B
(DDRB)
See page 101.
Read:
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
Write:
Reset:
00
0000
00
= Unimplemented
R
= Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 1 of 5)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn