Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2FQE Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2FQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2FQE Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 168 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
5
August,
2003
1.0
Reformatted to meet latest M68HC08 documentation standards
N/A
Figure 1-1. Block Diagram — Diagram redrawn to include keyboard interrupt
module and TCLK pin designator.
20
Figure 1-2. MCU Pin Assignments — Added TCLK pin designator.
21
Table 1-2. Pin Functions — Added TCLK pin description.
22
Table 1-3. Function Priority in Shared Pins — Revised table for clarity and to
add TCLK.
23
Figure 2-1. Memory Map — Corrected names for the IRQ status and control
register (INTSCR) bits 3–0.
26
3.7.3 ADC Input Clock Register — Clarified bit description for the ADC clock
prescaler bits.
47
4.3 Functional Description — Updated periodic wakeup request values.
51
Figure 6-1. COP Block Diagram — Reworked for clarity
59
Chapter 8 External Interrupt (IRQ) — Corrected bit names for MODE, IRQF,
ACK, and IMASK
77–79
Chapter 14 Timer Interface Module (TIM) — Added TCLK function.
131–139
15.3 Monitor Module (MON) — Updated with additional data.
147
Chapter 16 Electrical Specifications — Updated with additional data.
169–173
October,
2003
2.0
Figure 2-2. Control, Status, and Data Registers — Deleted unimplemented
areas from $FFB0–$FFBD and $FFC2–$FFCF as they are actually available.
Also corrected $FFBF designation from unimplemented to reserved.
27
Figure 6-1. COP Block Diagram — Reworked for clarity
59
6.3.2 STOP Instruction — Added subsection
60
13.4.2 Active Resets from Internal Sources — Reworked notes for clarity.
111
Table 13-2. Reset Recovery Timing — Replaced previous table with new
information.
112
Chapter 14 Timer Interface Module (TIM) — Updated with additional data.
131
Figure 15-3. Break I/O Register Summary — Corrected bit designators for the
BRKAR register
143
15.3 Monitor Module (MON) — Clarified seventh bullet.
147
Table 17-1. MC Order Numbers — Corrected temperature and package
designators.
175
January,
2004
3.0
Figure 2-2. Control, Status, and Data Registers — Corrected reset state for the
FLASH Block Protect Register at address location $FFBE and the Internal
Oscillator Trim Value at $FFC0.
32
Figure 2-5. FLASH Block Protect Register (FLBPR) — Restated reset state for
clarity.
38
Revision History (Sheet 2 of 3)
Date
Revision
Level
Description
Page
Number(s)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn