Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2FQE Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2FQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2FQE Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 91 / 168 page
background image
Functional Description
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
91
11.3.1.1 Internal Oscillator Trimming
The 8-bit trimming register, OSCTRIM, allows a clock period adjust of +127 and –128 steps. Increasing
OSCTRIM value increases the clock period. Trimming allows the internal clock frequency to be set to
12.8 MHz ± 5%.
All devices are factory programmed with trim values in reserved FLASH memory locations $FFC0 and
$FFC1. The trim value is not automatically loaded into the OSCTRIM register. User software must copy
the trim value from $FFC0 or $FFC1 into OSCTRIM if needed. The factory trim value provides the
accuracy required for communication using forced monitor mode. Some production programmers erase
the factory trim values, so confirm with your programmer vendor that the trim values at $FFC0 and $FFC1
are preserved, or are re-trimmed. Trimming the device in the user application board will provide the most
accurate trim value.
11.3.1.2 Internal to External Clock Switching
When external clock source (external OSC, RC, or XTAL) is desired, the user must perform the following
steps:
1.
For external crystal circuits only, OSCOPT[1:0] = 1:1: To help precharge an external crystal
oscillator, set PTA4 (OSC2) as an output and drive high for several cycles. This may help the
crystal circuit start more robustly.
2.
Set CONFIG2 bits OSCOPT[1:0] according to . The oscillator module control logic will then set
OSC1 as an external clock input and, if the external crystal option is selected, OSC2 will also be
set as the clock output.
3.
Create a software delay to wait the stabilization time needed for the selected clock source (crystal,
resonator, RC) as recommended by the component manufacturer. A good rule of thumb for crystal
oscillators is to wait 4096 cycles of the crystal frequency, i.e., for a 4-MHz crystal, wait
approximately 1 msec.
4.
After the manufacturer’s recommended delay has elapsed, the ECGON bit in the OSC status
register (OSCSTAT) needs to be set by the user software.
5.
After ECGON set is detected, the OSC module checks for oscillator activity by waiting two external
clock rising edges.
6.
The OSC module then switches to the external clock. Logic provides a glitch free transition.
7.
The OSC module first sets the ECGST bit in the OSCSTAT register and then stops the internal
oscillator.
NOTE
Once transition to the external clock is done, the internal oscillator will only
be reactivated with reset. No post-switch clock monitor feature is
implemented (clock does not switch back to internal if external clock dies).
11.3.2 External Oscillator
The external clock option is designed for use when a clock signal is available in the application to provide
a clock source to the microcontroller. The OSC1 pin is enabled as an input by the oscillator module. The
clock signal is used directly to create BUSCLKX4 and also divided by two to create BUSCLKX2.
In this configuration, the OSC2 pin cannot output BUSCLKX4.So the OSC2EN bit in the port A pullup
enable register will be clear to enable PTA4 I/O functions on the pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn