Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2FQE Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2FQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT2FQE Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MC908QT2FQE Hoja de datos HTML 95Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 96Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 97Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 98Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 99Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 100Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 101Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 102Page - Freescale Semiconductor, Inc MC908QT2FQE Hoja de datos HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
Port A
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
99
Figure 12-3 shows the port A I/O logic.
Figure 12-3. Port A I/O Circuit
NOTE
Figure 12-3 does not apply to PTA2
When DDRAx is a 1, reading address $0000 reads the PTAx data latch. When DDRAx is a 0, reading
address $0000 reads the voltage level on the pin. The data latch can always be written, regardless of the
state of its data direction bit.
12.2.3 Port A Input Pullup Enable Register
The port A input pullup enable register (PTAPUE) contains a software configurable pullup device for each
if the six port A pins. Each bit is individually configurable and requires the corresponding data direction
register, DDRAx, to be configured as input. Each pullup device is automatically and dynamically disabled
when its corresponding DDRAx bit is configured as output.
OSC2EN — Enable PTA4 on OSC2 Pin
This read/write bit configures the OSC2 pin function when internal oscillator or RC oscillator option is
selected. This bit has no effect for the XTAL or external oscillator options.
1 = OSC2 pin outputs the internal or RC oscillator clock (BUSCLKX4)
0 = OSC2 pin configured for PTA4 I/O, having all the interrupt and pullup functions
Address: $000B
Bit 7
654321
Bit 0
Read:
OSC2EN
PTAPUE5 PTAPUE4 PTAPUE3 PTAPUE2 PTAPUE1 PTAPUE0
Write:
Reset:
00000000
= Unimplemented
Figure 12-4. Port A Input Pullup Enable Register (PTAPUE)
READ DDRA ($0004)
WRITE DDRA ($0004)
RESET
WRITE PTA ($0000)
READ PTA ($0000)
PTAx
DDRAx
PTAx
30 k
PTAPUEx
TO KEYBOARD INTERRUPT CIRCUIT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn