Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC908QT2FQE Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

No. de Pieza. MC908QT2FQE
Descripción  M68HC08 Microcontrollers
Descarga  168 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC908QT2FQE Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 18 / 168 page
background image
General Description
MC68HC908QY/QT Family Data Sheet, Rev. 6
18
Freescale Semiconductor
On-chip in-application programmable FLASH memory (with internal program/erase voltage
generation)
MC68HC908QY4 and MC68HC908QT4 — 4096 bytes
MC68HC908QY2, MC68HC908QY1, MC68HC908QT2, and MC68HC908QT1 — 1536 bytes
128 bytes of on-chip random-access memory (RAM)
2-channel, 16-bit timer interface module (TIM)
4-channel, 8-bit analog-to-digital converter (ADC) on MC68HC908QY2, MC68HC908QY4,
MC68HC908QT2, and MC68HC908QT4
5 or 13 bidirectional input/output (I/O) lines and one input only:
Six shared with keyboard interrupt function and ADC
Two shared with timer channels
One shared with external interrupt (IRQ)
Eight extra I/O lines on 16-pin package only
High current sink/source capability on all port pins
Selectable pullups on all ports, selectable on an individual bit basis
Three-state ability on all port pins
6-bit keyboard interrupt with wakeup feature (KBI)
Low-voltage inhibit (LVI) module features:
Software selectable trip point in CONFIG register
System protection features:
Computer operating properly (COP) watchdog
Low-voltage detection with reset
Illegal opcode detection with reset
Illegal address detection with reset
External asynchronous interrupt pin with internal pullup (IRQ) shared with general-purpose input
pin
Master asynchronous reset pin (RST) shared with general-purpose input/output (I/O) pin
Power-on reset
Internal pullups on IRQ and RST to reduce external components
Memory mapped I/O registers
Power saving stop and wait modes
MC68HC908QY4, MC68HC908QY2, and MC68HC908QY1 are available in these packages:
16-pin plastic dual in-line package (PDIP)
16-pin small outline integrated circuit (SOIC) package
16-pin thin shrink small outline package (TSSOP)
MC68HC908QT4, MC68HC908QT2, and MC68HC908QT1 are available in these packages:
8-pin PDIP
8-pin SOIC
8-pin dual flat no lead (DFN) package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn