Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3466 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza 2SK3466
Descripción Electrónicos  Chopper Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3466 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3466_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3466_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3466_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3466_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3466_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3466_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3466
2010-04-06
4
Dynamic input/output characteristics
0
0
20
40
80
60
40
80
120
160
200
RDS (ON) − Tc
IDR − VDS
Capacitance – VDS
Vth − Tc
PD − Tc
−80
1
3
5
4
−40
0
40
120
160
Common source
VDS = 10 V
ID = 1 mA
Pulse test
80
2
0
Case temperature Tc (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Case temperature Tc (°C)
Case temperature Tc (°C)
Total gate charge Qg (nC)
0
0
100
200
300
500
400
5
10
15
20
25
Common source
ID = 5 A
Tc
= 25°C
Pulse test
VDD = 100 V
VGS
VDS
400
200
0
4
8
12
20
16
−80
1
3
5
4
−40
0
40
120
160
Common source
VGS = 10 V
Pulse test
ID = 5 A
80
1.2
2
0
2.5
10
0
0.3
1
10
3
−0.2
−0.4
−0.6
−1.0
−1.2
Common source
Tc
= 25°C
Pulse test
−0.8
0.5
0.1
5
3
1
VGS = 0, −1 V
0.1
10
100
2000
300
0.3 0.5
3
10
100
5
30
5
1
30 50
50
1000
500
Crss
Coss
Ciss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C


Número de pieza similar - 2SK3466_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3466 TOSHIBA-2SK3466_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator Applications
More results

Descripción similar - 2SK3466_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK1489 TOSHIBA-2SK1489_09 Datasheet
393Kb / 6P
   Chopper Regulator Applications
TJ120F06J3 TOSHIBA-TJ120F06J3 Datasheet
223Kb / 7P
   Chopper Regulator, DC-DC Converter Applications Motor Drive Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
logo
Infineon Technologies A...
FD1600 INFINEON-FD1600 Datasheet
611Kb / 12P
   Chopper applications
2016-01-21 revision:V3.1
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
   Chopper Regulator
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
   Chopper Regulator
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ Datasheet
62Kb / 3P
   Chopper Regulator
PQ1CG3032FZH SHARP-PQ1CG3032FZH Datasheet
144Kb / 5P
   Chopper Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com