Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA-0323 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

No. de pieza CXA-0323
Descripción Electrónicos  DC-AC INVERTER UNIT 3.0W SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0323 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  CXA-0323 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0323 Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CXA-0323 SERIES (3.0W SINGLE OUTPUT)
DC-AC INVERTER UNIT
(PRELIMNARY, Custom Design)
Page ( 1 / 2 )
VER, 22/08/2001
All specification are subject to change without notice.
Web:
http://www.Power-Systems.de
Adress: Dörnet 8; 74360 Ilsfeld-Auenstein / Germany
Email Europe:
Info@Power-Systems.de
Tel. Europe:
++ 49 / 7062 / 6759 - 6
Email UK: Sales_UK@Power-Systems.de
Tel. UK: ++ 44 / 1234 / 215811
Fax: ++ 49 / 7062 / 6759 - 80
Power Systems – The Power Solution
4 mm diameter 2.2
±0.2
SM02(8.0)B-BHS
DESCRIPTION :
This DC-to-AC inverter is developed for Sharp Display LQ038Q5DR01. The output current of the
inverter is reduced to prolong CCFL life time. The inverter is equipped with a dimming input which
permits CCFL brightness control by applying an external PWM signal.
APPLICATION:
Single lamp type
Lamp Voltage 530V
Lamp Current typ. 4 mA
FEATURES :
High Efficiency (typ. 85%)
Fuse protection
Ext. PWM Dimming with internal Pull-Up 1,5 kohm
Low noise with voltage resonant circuit
TEMPERATURE
& HUMDITY :
Operating Temperature Range
0
°C ~ +60°C
Storage Temperature Range
-40
°C ~ +85°C
Humidity
95 %RH max
MAX. RATING:
Input Voltage: min. 9,6 Vdc; max. 14,4 VDC (the output current is different)
Output Power: max. 3,5 Watt
DIMENSIONS :
80.5 max
2
1
3
60
±0.2
(8)
CXA-0323
Typ. 120 Hz
No.
1
Part Description
PWB
Connector CN1
Connector CN2
Note
UL94V-0
t=1mm
53261-0590
Qty.
1
1
1
Item
(JST)
(Molex)
CN2 : SM02(8.0)B-BHS (JST)
CN2-1
CN2-2
CN2-3
N.C.
Pin
Symbol
Note
Iout
Typ. 4 mArms
Iout-ret
(2V)
Pin
CN1-1
CN1-2
CN1-3
CN1-4
CN1-5
Symbol
Vin
GND
Ext. PWM
N.C.
N.C.
Note
+ 12 Vdc
0 Vdc
CN1 : 53261-0590 (Molex)
2
3


Número de pieza similar - CXA-0323

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
CXA-0320 POWER-SYSTEMS-CXA-0320 Datasheet
106Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-0320 TDK-CXA-0320 Datasheet
247Kb / 3P
   Dimming/Connector Type
logo
Power Systems GmbH+Co.K...
CXA-0321 POWER-SYSTEMS-CXA-0321 Datasheet
126Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0326 POWER-SYSTEMS-CXA-0326 Datasheet
39Kb / 2P
   DC-AC INVERTER UNIT 5W DUAL OUTPUTS WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-0326 TDK-CXA-0326 Datasheet
225Kb / 3P
   Dimming/Connector Type
More results

Descripción similar - CXA-0323

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
CXA-L0505-NJL POWER-SYSTEMS-CXA-L0505-NJL Datasheet
133Kb / 4P
   DC-AC INVERTER UNIT 3.0W SINGLE OUTPUT
PS-DA0148-01 POWER-SYSTEMS-PS-DA0148-01 Datasheet
249Kb / 4P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-02 POWER-SYSTEMS-PS-DA0129-02 Datasheet
193Kb / 5P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-04-E POWER-SYSTEMS-PS-DA0129-04-E Datasheet
267Kb / 4P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-176-E-B POWER-SYSTEMS-PS-DA0129-176-E-B Datasheet
131Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0129-183 POWER-SYSTEMS-PS-DA0129-183 Datasheet
148Kb / 2P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
PS-DA0130-01 POWER-SYSTEMS-PS-DA0130-01 Datasheet
192Kb / 5P
   DC-AC INVERTER UNIT 4 W SINGLE OUTPUT
PS-DA0136-02 POWER-SYSTEMS-PS-DA0136-02 Datasheet
305Kb / 5P
   DC-AC INVERTER UNIT 2.5 W SINGLE OUTPUT
PS-DA0140-01 POWER-SYSTEMS-PS-DA0140-01 Datasheet
69Kb / 2P
   DC-AC INVERTER UNIT 8 W SINGLE OUTPUT
PS-DA0151-01 POWER-SYSTEMS-PS-DA0151-01 Datasheet
227Kb / 5P
   DC-AC INVERTER UNIT 5 W SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com